Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU1255PL Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STU1255PL
Description  P-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU1255PL Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STU1255PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-55
V
Zero Gate Voltage Drain Current
IDSS
VDS -44V, VGS 0V
=
=
-1
uA
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100
nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1.3
-2.5
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -10A
VGS -4.5V, ID -6A
On-State Drain Current
ID(ON)
VDS = -5V, VGS = -10V
A
S
Forward Transconductance
FS
g
VDS -15V, ID -10A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-30V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VD = -30V,
ID = -1A,
VGEN = - 10V,
R GEN = 6 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-30V, ID = -5A,
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
5
2
m-ohm
m-ohm
110
145
nC
VDS =-30V,ID =-5A,VGS =-10V
VDS =-30V,ID =-5A,VGS =-4.5V
S T U/D1255P L
30
12
770
80
55
12.3
8.8
51.5
23.1
13.7
6.8
2.5
2.8
885
94
65
14
10
60
26
16
8
3
3.3
-1.8
120
95


Similar Part No. - STU1255PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU1224N SAMHOP-STU1224N Datasheet
939Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
STU12L01 SAMHOP-STU12L01 Datasheet
171Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
STMicroelectronics
STU12N60M2 STMICROELECTRONICS-STU12N60M2 Datasheet
383Kb / 12P
   Extremely low gate charge
May 2015 Rev 1
STU12N65M5 STMICROELECTRONICS-STU12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
logo
Inchange Semiconductor ...
STU12N65M5 ISC-STU12N65M5 Datasheet
316Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STU1255PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2307A SAMHOP-STS2307A Datasheet
718Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PLS SAMHOP-STU1855PLS Datasheet
704Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PL SAMHOP-STU1855PL Datasheet
879Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU2455PLS SAMHOP-STU2455PLS Datasheet
792Kb / 9P
   P-Channel E nhancement Mode Field Effect Transistor
STM4433A SAMHOP-STM4433A Datasheet
659Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS3405 SAMHOP-STS3405 Datasheet
826Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STC2201 SAMHOP-STC2201 Datasheet
722Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM4439A SAMHOP-STM4439A Datasheet
655Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS2301 SAMHOP-STS2301 Datasheet
593Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM9433 SAMHOP-STM9433 Datasheet
653Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com