Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ4G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GBJ4G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GBJ4G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GBJ4G Datasheet HTML 1Page - Pan Jit International Inc. GBJ4G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.08.2002
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic technique
• Surge overload rating: 150 Amperes peak
• High temperature soldering guaranteed:
260°C/10 seconds/.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension
GBJ4A~GBJ4K
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes
Recongnized File #E228882
MECHANICAL DATA
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Leads solderable per MIL-STD-202,
Method 208
Mounting position: Any
Mounting torque: 5 in. lb. Max.
Weight: 0.15 ounce, 4.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
GBJ
Unit: inch ( mm )
0.304(7.7)
0.304(7.7)
0.304(7.7)
0.150(3.8)
0.115(2.9)
0.032(0.8)
0.996(25.3)
0.972(24.7)
0.070(1.8)
0.288(7.3)
0.288(7.3)
0.288(7.3)
0.024(0.6)
0.098(2.5)
0.133(3.4)
0.173(4.4)
0.189(4.8)
0.044(1.1)
0.035(0.9)
0.087(2.2)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward TC=100°C
Rectified Output Current
I2t Rating for fusing ( t<8.3ms)
Peak Forward Surge Current single sine-wave superimposed on rated load
(JEDEC method)
Maximum Instantaneous Forward Voltage Drop per element at 2.0A
Maximum Reverse Leakage at rated TA=25°
CDc Blocking Voltage per element TC=100°C
Typical Thermal Resistance per leg(Note 2) R
θJA
Typical Thermal Resistance per leg(Note 3) R
θJC
Operating and Storage Temperature Range, TJ,TSTG
V
V
V
A
A2sec
Apk
µA
°C / W
UNIT
°C
NOTES:
1. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw.
2. Units Mounted in free air, no heatsink, P.C.B at 0.375"(9.5mm) lead length with 0.5 x 0.5"(12 x 12mm)copper pads.
3. Units Mounted on a 2.6 x 1.4" x 0.06" thick ( 6.5 x 3.5 x 0.15cm) AL plate.
µA
50
35
50
Vpk
4.0
127
150
1.0
5
500
8.6
3.1
-55 to +150
°C / W
GBJ4A
100
70
100
GBJ4B
200
140
200
GBJ4D
400
280
400
GBJ4G
600
420
600
GBJ4J
800
560
800
GBJ4K


Similar Part No. - GBJ4G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ4G WTE-GBJ4G Datasheet
61Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ4G PANJIT-GBJ4G Datasheet
78Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ4G SECOS-GBJ4G Datasheet
287Kb / 2P
   4.0 AMP Glass Passivated Bridge Rectifiers
logo
Formosa MS
GBJ4G FORMOSA-GBJ4G Datasheet
122Kb / 6P
   Bridge Rectifier
logo
Shanghai Shunye Electro...
GBJ4G SY-GBJ4G Datasheet
1Mb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ4G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU4A PANJIT-GBU4A Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
GBU10A PANJIT-GBU10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
GBJ6A PANJIT-GBJ6A Datasheet
45Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
GBU8A PANJIT-GBU8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
GBJ8A PANJIT-GBJ8A Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
GBJ10A PANJIT-GBJ10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
KBU4A PANJIT-KBU4A Datasheet
54Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
MDA970G1 RECTRON-MDA970G1_07 Datasheet
236Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com