Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2851GO Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2851GO
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2851GO Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2851GO Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2851GO Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2851GO Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2851GO Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2851GO Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2851GO Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2851GO Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Simple Drive Requirement
N-CH BVDSS
30V
▼ Low On-resistance
RDS(ON)
40mΩ
▼ Fast Switching Performance
ID
5A
P-CH
BVDSS
-30V
RDS(ON)
80mΩ
Description
ID
-3.3A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25℃
Continuous Drain Current
3
5
-3.3
A
ID@TA=70℃
Continuous Drain Current
3
3.9
-2.7
A
IDM
Pulsed Drain Current
1
20
-20
A
PD@TA=25℃
Total Power Dissipation
1.38
W
Linear Derating Factor
0.01
W/℃
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
90
℃/W
Data and specifications subject to change without notice
Parameter
200817041
AP2851GO
Thermal Data
Pb Free Plating Product
G2
D2
S2
G1
D1
S1
D2
S2
S2
G2
D1
S1
S1
G1
TSSOP-8
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.


Similar Part No. - AP2851GO

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2852GO A-POWER-AP2852GO Datasheet
94Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP2852GO VBSEMI-AP2852GO Datasheet
1Mb / 9P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - AP2851GO

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com