Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C33W Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BZX84C33W
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX84C33W Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BZX84C33W Datasheet HTML 1Page - Pan Jit International Inc. BZX84C33W Datasheet HTML 2Page - Pan Jit International Inc. BZX84C33W Datasheet HTML 3Page - Pan Jit International Inc. BZX84C33W Datasheet HTML 4Page - Pan Jit International Inc. BZX84C33W Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number: BZX84C2V4W thru BZX84C39W
PAGE 1
BZX84C2V4W thru BZX84C39W
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 - 39 Volts
200 mWatts
FEATURES
• Planar Die construction
• 200mW Power Dissipation
• Zener Voltages from 2.4V - 39V
• Ideally Suited for Automated Assembly Processes
MECHANICAL DATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
PACKAGE
SOT-323
POWER
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
5
2
t
a
)
A
s
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
OC
PD
0
0
2
W
m
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
B
s
e
t
o
N
(
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
IFSM
0
.
2s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ
0
5
1
+
o
t
5
5
-
OC
SINGLE


Similar Part No. - BZX84C33W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C33W DIODES-BZX84C33W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Shenzhen Luguang Electr...
BZX84C33W LUGUANG-BZX84C33W Datasheet
249Kb / 3P
   Zener Diode
logo
Micro Commercial Compon...
BZX84C33W MCC-BZX84C33W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
logo
Yea Shin Technology Co....
BZX84C33W YEASHIN-BZX84C33W Datasheet
755Kb / 3P
   ZENER DIODE
logo
Diodes Incorporated
BZX84C33W DIODES-BZX84C33W Datasheet
103Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 13 - 2
More results

Similar Description - BZX84C33W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com