Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD119222P Datasheet(PDF) 2 Page - Sensitron

Part # SHD119222P
Description  SILICON SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD119222P Datasheet(HTML) 2 Page - Sensitron

  SHD119222P Datasheet HTML 1Page - Sensitron SHD119222P Datasheet HTML 2Page - Sensitron SHD119222P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-Mail - sales@sensitron.com
TECHNICAL DATA
DATA SHEET 777, REV. A
SINGLE
COMMON CATHODE
1
2
3
2
1
3
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
COMMON CATHODE
COMMON CATHODE
ANODE 1
ANODE 2
Note: The Vf curves shown are for the SD125SB45 unpackaged die only.
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
100
101
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
200
300
400
500
600
700
800
Typical Junction Capacitance
SHD119222
SHD119222P
MECHANICAL DIMENSIONS: IN Inches / mm
.145
(3.68)
.450 (11.43)
.140 (3.56)Typ.
.035 (.89) Min.
.050 (1.27)
.375
(9.53)
.037
(.94)
.625
(15.88)
.415
(10.54)
.157 (3.99)
.030 (.76) Min.
1
2
3
LCC-3P


Similar Part No. - SHD119222P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD119222P SENSITRON-SHD119222P Datasheet
104Kb / 3P
   SILICON SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results

Similar Description - SHD119222P

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322S CENTRAL-CTLSH1-40M322S Datasheet
585Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM7110-M832D CENTRAL-CTLM7110-M832D_15 Datasheet
603Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMHSH5-4 CENTRAL-CMHSH5-4_15 Datasheet
371Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833S CENTRAL-CTLSH3-30M833S_15 Datasheet
600Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-3 CENTRAL-CMIDSH1-3_15 Datasheet
486Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_15 Datasheet
504Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM8110-M832D CENTRAL-CTLM8110-M832D_15 Datasheet
602Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-4 CENTRAL-CMIDSH1-4 Datasheet
474Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMSH2-20L CENTRAL-CMSH2-20L_15 Datasheet
360Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833 CENTRAL-CTLSH3-30M833_15 Datasheet
668Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com