Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD116246 Datasheet(PDF) 1 Page - Sensitron

Part # SHD116246
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116246 Datasheet(HTML) 1 Page - Sensitron

  SHD116246 Datasheet HTML 1Page - Sensitron SHD116246 Datasheet HTML 2Page - Sensitron SHD116246 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 829, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
200
°C Maximum Operation Temperature
Very Low Forward Voltage Drop
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Reverse Leakage Current
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
200
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
15
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
280
Amps
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RθJC
0.85
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+ 200
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 15 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.92
0.76
Volts
MAXIMUM REVERSE CURRENT (Ir @ 200V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.35
8.0
mA
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
300
pF
SHD116246
SHD116246B


Similar Part No. - SHD116246

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116246 SENSITRON-SHD116246 Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116246B SENSITRON-SHD116246B Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116246 SENSITRON-SHD116246_08 Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results

Similar Description - SHD116246

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com