Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD116245 Datasheet(PDF) 2 Page - Sensitron

Part # SHD116245
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116245 Datasheet(HTML) 2 Page - Sensitron

  SHD116245 Datasheet HTML 1Page - Sensitron SHD116245 Datasheet HTML 2Page - Sensitron SHD116245 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
DATA SHEET 808, REV. B
MECHANICAL DIMENSIONS: In Inches / mm
SHD116245
SHD116245B
.225±.010
(5.71±.254)
.075 (1.91) M ax
A lum ina R ing
.225±.010
(5.71±.254)
M oly Lid
Moly B ase
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.225±.010
(5.71±.254)
.150±.010
(3.81±.254)
.375±.020
(9.52±.508)
.225±.010
(5.71±.254)
.015±.005
(.381±.127)
Copper Anode
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.
SHD-1
SHD-1B


Similar Part No. - SHD116245

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116244 SENSITRON-SHD116244 Datasheet
169Kb / 2P
   A 100V, 15A, POWER SCHOTTKY RECTIFIER IN HERMETIC SHD-1/1B PACKAGE.
SHD116244B SENSITRON-SHD116244B Datasheet
169Kb / 2P
   A 100V, 15A, POWER SCHOTTKY RECTIFIER IN HERMETIC SHD-1/1B PACKAGE.
SHD116246 SENSITRON-SHD116246 Datasheet
160Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116246 SENSITRON-SHD116246 Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116246B SENSITRON-SHD116246B Datasheet
160Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD116245

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com