Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52-C20S Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # BZT52-C20S
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-C20S Datasheet(HTML) 5 Page - Pan Jit International Inc.

  BZT52-C20S Datasheet HTML 1Page - Pan Jit International Inc. BZT52-C20S Datasheet HTML 2Page - Pan Jit International Inc. BZT52-C20S Datasheet HTML 3Page - Pan Jit International Inc. BZT52-C20S Datasheet HTML 4Page - Pan Jit International Inc. BZT52-C20S Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part Number: BZT52-C2V4S thru BZT52-C39S
PAGE 5
OUTLINE DRAWING
© Copyright PanjIt International Inc. 2001
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be
accepted by the publisher for any consequence of its use.
Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
PanJit Internatioal Inc.
TEL:886-7-6213121
Fax:886-7-6213129
Internet: http://www.panjit.com.tw
email: sales@panjit.com.tw
.038(.95)
.107(2.70)
.078(1.95)
.012(.30 MIN.)
.068(1.75)
.027(.70)
.090(2.30)
SOD-323


Similar Part No. - BZT52-C20S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-C20S PANJIT-BZT52-C20S Datasheet
80Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
BZT52-C20S DIOTECH-BZT52-C20S Datasheet
1Mb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
BZT52-C20S PANJIT-BZT52-C20S Datasheet
145Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
WILLAS ELECTRONIC CORP
BZT52-C20S WILLAS-BZT52-C20S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Pan Jit International I...
BZT52-C20S-AU PANJIT-BZT52-C20S-AU Datasheet
79Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-C20S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com