Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT5668H Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT5668H
Description  5-Channel Motor Driver for DVD/VCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT5668H Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT5668H Datasheet HTML 1Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 2Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 3Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 4Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5668H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AT5668
Preliminary Product Information
5-Channel Motor Driver for DVD/VCD
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
4
Electrical characteristics
(unless otherwise noted, Ta = 25oC,VCC1 =12V, VCC2 =5V, VBIAS=2.5V, R
L1= RL4=8Ω, RL2= RL3=12Ω
)
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Quiescent current
I
QC
-18
30
mA No Load
Mute quiescent current
I
QSB
-
-
5
mA CH5 ,OPA,COMP. active
Mute ON voltage
V
SBON
0-
0.5
V
Mute OFF voltage
V
SBOFF
2.0
-
-
V
<Track driver>
Output voltage offset
V
OFFSL
-100
0
100
mV
Maximum output voltage
V
O3MAX
3.6
4.0
-
V
V
IN = V
BIAS ±1.5V
Closed loop gain
G
VSL
18.0
20.0
22.0
dB
V
IN = V
BIAS ±0.2V
<Focus driver>
Output voltage offset
V
OFFSL
-100
0
100
mV
Maximum output voltage
V
O3MAX
3.6
4.0
-
V
V
IN = V
BIAS ±1.5V
Closed loop gain
G
VSL
18.0
20.0
22.0
dB
V
IN = V
BIAS ±0.2V
<Sled motor driver>
Output voltage offset
V
OFFSL
-100
0
100
mV
Maximum output voltage
V
O3MAX
7.5
9.0
-
V
V
IN = V
BIAS ±1.5V
Closed loop gain
G
VSL
18.0
20.0
22.0
dB
V
IN = V
BIAS ±0.2V
<Spindle motor driver>
Output voltage offset
V
OFFLD
-100
0
100
mV
Maximum output voltage
V
O4max1
7.5
9.0
-
V
V
IN = V
BIAS±2.0V
Maximum output voltage
V
O4max2
3.6
4.0
-
V
V
IN = V
BIAS ±1.5V
VCC1=5V
Closed loop gain
G
VLD
13.5
15.5
17.5
dB
V
IN = V
BIAS ±0.2V
Gain error
Δ
G
VLD
012
dB
V
IN = V
BIAS±0.2V
<Tray motor driver>
Maximum output voltage
V
O5max1
3.8
-
4.2
V
RL5=45Ω, RVCTL=0Ω,
VCC1=VCC2=5V
Output voltage offset
V
OFFTR
-100
0
100
mV
Input high level voltage
VIH
2.0
-
-
V
Input low level voltage
VIL
--
0.8
V
<OPA>
Input Dynamic Range
0
-
VCC1-
1.5V
V
Output Dynamic Range
VO
1
-
VCC1-
1.0V
VIO =-0.25mA~3mA
Voltage Gain
GVC
70
-
90
dB
Saturation Voltage
VS
-
0.25
0.4
V
IO =3mA
Input Offset
V
Offset
--
±10
mV
<Comparator>
Input Offset
V
Offset
--
±10
mV
Input Dynamic Range
0
-
VCC1-
1.5V
V
Output Dynamic Range
VO
0.25
-
VCC1-
1.0V
VIO =-0.25mA~3mA
Saturation Voltage
VS
-
0.25
0.4
V
IO =4mA


Similar Part No. - AT5668H

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5660 AIMTRON-AT5660 Datasheet
452Kb / 12P
   5-Channel Motor Driver for DVD/VCD
AT5660H AIMTRON-AT5660H Datasheet
452Kb / 12P
   5-Channel Motor Driver for DVD/VCD
AT5665 AIMTRON-AT5665 Datasheet
416Kb / 11P
   5-Channel Motor Driver for DVD/VCD
AT5665H AIMTRON-AT5665H Datasheet
416Kb / 11P
   5-Channel Motor Driver for DVD/VCD
AT5669 AIMTRON-AT5669 Datasheet
233Kb / 11P
   5-Channel Motor Driver for DVD/VCD with 2 Linear Regulator and 1 OPAMP
More results

Similar Description - AT5668H

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5665 AIMTRON-AT5665 Datasheet
416Kb / 11P
   5-Channel Motor Driver for DVD/VCD
AT5660 AIMTRON-AT5660 Datasheet
452Kb / 12P
   5-Channel Motor Driver for DVD/VCD
AT5669 AIMTRON-AT5669 Datasheet
233Kb / 11P
   5-Channel Motor Driver for DVD/VCD with 2 Linear Regulator and 1 OPAMP
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AT5659 ETC-AT5659 Datasheet
296Kb / 10P
   5-CH MOTOR DRIVER FOR DC/VCD PLAYER
AM5954A ETC1-AM5954A Datasheet
145Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR DVD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com