Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC1003-09ET-00 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88SC1003-09ET-00
Description  Security Logic with Three Application Zones
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1003-09ET-00 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88SC1003-09ET-00 Datasheet HTML 7Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 8Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 9Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 10Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 11Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 12Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 13Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 14Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
AT88SC1003
2035B–SMEM–08/03
Definition of AT88SC1003 Passwords
Definition of
AT88SC1003 Fuses
Manufacturer Fuse
This fuse is used to control writes and erases of the manufacturer’s zone. When the
security code has been validated and both the issuer fuse and the manufacturer fuse
are unblown, writes and erases of the MFZ are allowed. Blowing the issuer fuse will also
disable the manufacturer fuse if it has not been blown previously.
EC2EN Fuse
The EC2 enable fuse selects whether the EC2 zone is used to limit the number of AZ2
erases allowed in Security Mode 2. If the EC2EN fuse is “unblown,” then the AZ2 erases
are limited to 128. If the EC2EN fuse is “blown,” the AZ2 erases are unlimited. After the
issuer fuse is blown, the state of EC2EN fuse is locked and cannot be changed.
Issuer Fuse
This fuse is used to personalize the AT88SC1003 for end customer use. It is an addi-
tional EEPROM bit that can be programmed to a logic “0”. This is its “blown” state.
Security of the device when the issuer fuse is a logic “1” is described in Table 6 on page
12. The device is in Security Level 2 when the issuer fuse is blown. The device can also
be placed in Security Level 2 by taking FUS pin low, independent of the state of the
issuer fuse. Memory access rules of the device in Security Level 2 are described in
Table 7 on page 13.
Table 5. Definition of Passwords
Password
Definition
Security Code (SC)
Bits 80–95
(16 bits)
This password is used to set the SV (Security Validation) flag and is used in determining what
operations are allowed in each zone.
Erase Zone 1 (EZ1)
Bits 432–479
(48 bits)
This password must be programmed during issuer personalization. It is used to erase Application
Zone 1 in Security Level 2. Verification of EZ1 will set the internal flag E1 to “1”.
Erase Zone 2 (EZ2)
Bits 736–767
(32 bits)
This password must be programmed during issuer personalization. It is used to erase Application
Zone 2 in Security Level 2. Verification of EZ2 will set the internal flag E2 to “1”.
Erase Zone 3 (EZ3)
Bits 1536–1583
(48 bits)
This password must be programmed during issuer personalization. It is used to erase Application
Zone 3 in Security Level 2. Verification of EZ3 will set the internal flag E3 to “1”.


Similar Part No. - AT88SC1003-09ET-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1003 ATMEL-AT88SC1003 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
AT88SC1003 ATMEL-AT88SC1003_14 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
More results

Similar Description - AT88SC1003-09ET-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC101 ATMEL-AT88SC101 Datasheet
176Kb / 11P
   Smart Card ICs 1K E2PROM with Security Logic
logo
List of Unclassifed Man...
IZ4436 ETC-IZ4436 Datasheet
26Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
KODENSHI_AUK CORP.
KKE4436 KODENSHI-KKE4436 Datasheet
175Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
Advanced Micro Devices
AM2917A AMD-AM2917A Datasheet
209Kb / 8P
   QUAD THREE STATE BUS TRANSCEIVER WITH INTERFACE LOGIC
logo
SMSC Corporation
EMC1063 SMSC-EMC1063 Datasheet
551Kb / 26P
   1C Triple Temperature Sensor with Hotter of Two Zones
logo
KODENSHI_AUK CORP.
SNN01Z60Q KODENSHI-SNN01Z60Q Datasheet
611Kb / 8P
   Logic Level gat Drive Application
logo
UMC Corporation
UA3730 UMC-UA3730 Datasheet
453Kb / 7P
   SECURITY LOCK WITH ALARM
logo
Gamewell-FCI by Honeywe...
GWF410 GAMEWELL-FCI-GWF410 Datasheet
44Kb / 2P
   Flex 410 FACP, 10 zones, expandable to 20 and 30 zones, 120 VAC
logo
DB Lectro Inc
PL3 DBLECTRO-PL3 Datasheet
369Kb / 2P
   Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com