Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA-E7 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CLA-E7
Description  E CORES AND ACCESSORIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CLA-E7 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CLA-E7 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLA-E7 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLA-E7 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLA-E7 Datasheet HTML 4Page - List of Unclassifed Manufacturers CLA-E7 Datasheet HTML 5Page - List of Unclassifed Manufacturers CLA-E7 Datasheet HTML 6Page - List of Unclassifed Manufacturers CLA-E7 Datasheet HTML 7Page - List of Unclassifed Manufacturers CLA-E7 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2004 Sep 01
373
Ferroxcube
E cores and accessories
E30/15/7
GENERAL DATA FOR 10-PINS E30/15/7 COIL FORMER
WINDING DATA FOR 10-PINS E30/15/7 COIL FORMER (E)
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass reinforced, flame retardant in accordance with
; UL file number E167521(M)
Pin material
copper-tin alloy (CuSn), tin-lead alloy (SnPb) plated, transition to lead-free (Sn)
ongoing.
Maximum operating temperature
180 C,
class H
Resistance to soldering heat
, Part 2, Test Tb, method 1B: 350 C, 3.5s
Solderability
, Part 2, Test Ta, method 1: 235 C, 2s
NUMBER OF
NECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
80
17.1
56
CSH-E30/7-1S-10P
5.08
24.1 max.
3
(17.1 min.)
19
max.
0.8 0.02
29.1 max.
7.5
0.2
0
1.3
0.15
0
2
0.1
0
7.5
0.2
0
9.3
0
0.2
9.3
0
0.2
19
0
0.3
19
0
0.3
0.8
0
0.1
Fig.3 E30/15/7 coil former; 10-pins.
Dimensions in mm.


Similar Part No. - CLA-E7

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-E7 FERROXCUBE-CLA-E7 Datasheet
19Kb / 1P
   E cores and accessories
More results

Similar Description - CLA-E7

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com