Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3237IJS-2.3-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3237IJS-2.3-T1
Description  300mA MicroPower??LDO with PowerOK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3237IJS-2.3-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3237IJS-2.3-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3237IJS-2.3-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AAT3237
300mA MicroPower™ LDO with PowerOK
8
3237.2006.01.1.4
Functional Description
The AAT3237 is intended for LDO regulator appli-
cations where output current load requirements
range from no load to 300mA.
The advanced circuit design of the AAT3237 pro-
vides excellent transient response and fast turn-on
ability. The LDO regulator output has been specif-
ically optimized to function with low-cost, low-ESR
ceramic capacitors. However, the design will allow
for operation over a wide range of capacitor types.
The AAT3237 has an integrated Power-OK com-
parator which indicates when the output is out of
regulation.
The device enable circuit is provided to shut down
the LDO regulator for power conservation in portable
products. The enable circuit has an additional out-
put capacitor discharge circuit to assure sharp appli-
cation circuit turn-off upon device shutdown.
This LDO regulator has complete short-circuit and
thermal protection.
The integral combination of
these two internal protection circuits gives the
AAT3237 a comprehensive safety system during
extreme adverse operating conditions.
Device
power dissipation is limited to the package type
and thermal dissipation properties.
Refer to the
Thermal Considerations section of this datasheet
for details on device operation at maximum output
current loads.
Functional Block Diagram
Over-Current
Protection
Voltage
Reference
94%
Error
Amplifier
Over-Temperature
Protection
IN
POK
EN
GND
OUT


Similar Part No. - AAT3237IJS-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.5-T1 ANALOGICTECH-AAT3232IGV-2.5-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.7-T1 ANALOGICTECH-AAT3232IGV-2.7-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.8-T1 ANALOGICTECH-AAT3232IGV-2.8-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-3.0-T1 ANALOGICTECH-AAT3232IGV-3.0-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results

Similar Description - AAT3237IJS-2.3-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307 Datasheet
295Kb / 8P
   300mA Micropower uCap Baseband LDO
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com