Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV234A Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQV234A
Description  HS (High Sensitivity) Type [1-Channel (Form A) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV234A Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQV234A Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV234A Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV234A Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
189
1
2
3
6
5
4
HS (High Sensitivity) Type
[1-Channel (Form A) Type]
mm inch
8.8
±0.05
.346
±.002
6.4
±0.05
.252
±.002
3.9
±0.2
.154
±.008
8.8
±0.05
.346
±.002
6.4
±0.05
.252
±.002
3.6
±0.2
.142
±.008
FEATURES
1. High sensitivity type
LED operate current: typical 0.31 mA
2. Low-level off state leakage current
(Typical 1
µA at 400 V load voltage)
3. Eliminates the need for a power sup-
ply to drive the power MOSFET
4. Low thermal electromotive force
(Approx. 1
µV)
5. Extremely low closed-circuit offset
voltages to enable control of small an-
alog signals without distortion
6. Eliminates the need for a counter
electromotive force protection diode in
the drive circuits on the input side
7. Stable on resistance to help simplify
circuit design
8. Surface-mount model available
TYPICAL APPLICATIONS
1. High-speed inspection machines
• Scanner
• IC checker
• Board tester
2. Telephone and data communication
equipment
TYPES
*Indicate the peak AC and DC values.
Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
Type
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
AC/DC type
400 V
120 mA
AQV234
AQV234A
AQV234AX
AQV234AZ
1 tube contains
50 pcs.
1 batch contains
500 pcs.
1,000 pcs.
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
Type of
connec-
tion
AQV234(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (Peak AC)
VL
400 V
Continuous load current
IL
A
0.12 A
A connection: Peak AC, DC
B, C connection: DC
B
0.13 A
C
0.15 A
Peak load current
Ipeak
0.3 A
A connection: 100 ms (1 shot),
VL = DC
Power dissipation
Pout
500 mW
Total power dissipation
PT
550 mW
I/O isolation voltage
Viso
1,500 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperature
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQV234A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV23 PANASONIC-AQV23 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV23 PANASONIC-AQV23 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQV23 ETC2-AQV23 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV23 ETC2-AQV23 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV23 ETC2-AQV23 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQV234A

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
   HF (High Function) Type [1-Channel (Form A) Type]
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com