Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV221NAZ Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AQV221NAZ
Description  RF (Radio Frequency) Type Low C and R
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV221NAZ Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AQV221NAZ Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV221NAZ Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV221NAZ Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV221NAZ Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQV221N
146
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
**For type of connection, see Page 31.
Note: Recommendable LED forward current IF = 5mA
*Turn on/Turn off time
Item
Symbol
Type of
connec-
tion**
AQV221N(A)
Remarks
Input
LED operate current
Typical
IFon
0.90 mA
IL = Max.
Maximum
3.0 mA
LED turn off current
Minimum
IFoff
0.4 mA
IL = Max.
Typical
0.85 mA
LED dropout voltage
Typical
VF
1.14 V (1.25 V at IF = 50 mA)
IF = 5 mA
Maximum
1.5 V
Output
On resistance #
Typical
Ron
A
9.8
IF = 0 mA
IL = Max.
Within 1 s on time
Maximum
15
Typical
Ron
B
5
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
7.5
Typical
Ron
C
2.5
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
3.8
Output capacitance #
Typical
Cout
A
3.9 pF
IF = 0
VB = 0V
f = 1 MHz
Maximum
5 pF
Off state leakage current
Typical
ILeak
20 pA
IF = 0
VL = Max.
Maximum
10 nA
Transfer
characteristics
Switching
speed
Turn on time*
Typical
Ton
0.2 ms
IF = 5 mA
IL = Max.
Maximum
0.5 ms
Turn off time*
Typical
Toff
0.08 ms
IF = 5 mA
IL = Max.
Maximum
0.2 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0
Maximum
1.5 pF
Initial I/O isolation resistance
Minimum
Riso
1,000 M
500 V DC
Ton
Input
Output
10%
90%
Toff
# Other types of products than the Cout (typ. 3.9pF) and Ron (A connection typ. 9.8
Ω) com-
binations carried in this catalog are also available.
(There is a trade-off between Ron and Cout both cannot be reduced at the same time.)
For more information, please contact our sales office in your area.
s For Dimensions, see Page 27.
s For Schematic and Wiring Diagrams, see Page 31.
s For Cautions for Use, see Page 36.
REFERENCE DATA
1. Load current vs. ambient temperature char-
acteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection: A
2. On resistance vs. ambient temperature char-
acteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
250
200
150
100
50
0
0
-40
-20
20
40
60
8085 100
Ambient temperature,
°C
16.0
14.0
12.0
10.0
8.0
2.0
6.0
4.0
0
0
-40
-20
20
40
60
8085
Ambient temperature,
°C
1.0
0.8
0.6
0.4
0.2
0
0
-40
-20
20
40
60
8085
Ambient temperature,
°C


Similar Part No. - AQV221NAZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV221 PANASONIC-AQV221 Datasheet
84Kb / 4P
   DIP6-pin type suited for radio frequent switching
AQV221A PANASONIC-AQV221A Datasheet
84Kb / 4P
   DIP6-pin type suited for radio frequent switching
AQV221AX PANASONIC-AQV221AX Datasheet
84Kb / 4P
   DIP6-pin type suited for radio frequent switching
AQV221AZ PANASONIC-AQV221AZ Datasheet
84Kb / 4P
   DIP6-pin type suited for radio frequent switching
More results

Similar Description - AQV221NAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQY221N1S ETC-AQY221N1S Datasheet
37Kb / 4P
   RF (Radio Frequency) C x R 20 Type
logo
Nais(Matsushita Electri...
AQY221N2V NAIS-AQY221N2V Datasheet
120Kb / 6P
   RF (Radio Frequency) C x R 10 SSOP Type
AQW227N NAIS-AQW227N Datasheet
61Kb / 3P
   RF (Radio Frequency) Type [2-Channel (Form A) Type] - Low On resistance-
logo
List of Unclassifed Man...
AQV224 ETC1-AQV224 Datasheet
41Kb / 3P
   RF (Radio Frequency) Type SOP Series [1-Channel (Form A) Type] Low On resistance
logo
Nais(Matsushita Electri...
AQS225 NAIS-AQS225 Datasheet
44Kb / 3P
   RF (Radio Frequency) Type SOP Series 4-Channel (Form A) 16-pin Type
logo
TE Connectivity Ltd
114-9014 TEC-114-9014 Datasheet
369Kb / 18P
   Eurocard Connectors Types B, C, M, Q, R, and Enhanced Type C
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
logo
NXP Semiconductors
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com