Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4601A Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT4601A
Description  1.8A Current Limited P-Channel Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4601A Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT4601A Datasheet HTML 7Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 8Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 9Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 10Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 11Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 12Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 13Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 14Page - Advanced Analogic Technologies AAT4601A Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
For example, a portable device is specified to oper-
ate in a 50°C environment. The printed circuit
board assembly will operate at temperatures as
high as 85°C. This portable device has a sealed
case and the area of the printed circuit board
assembly is relatively small, causing RθJA to be
approximately 120°C/W. Using Equation 2:
Eq. 3:
If this system requires less than 1.4A, the thermal
limit will not activate during normal operation.
Input Capacitor
The input capacitor serves two purposes. First, it
protects the source power supply from transient
current effects generated by the application load
circuit. If a short circuit is suddenly applied to the
output of an AAT4601A, there is a microsecond-
long period during which a large current can flow
before the current limit circuitry activates; refer to
the characteristic curve, "Short-Circuit Through
0.3
Ω." A properly sized input capacitor can dramat-
ically reduce the load switch input transient
response effects seen by the power supply and
other circuitry upstream from the AAT4601A.
The second purpose of the input capacitor is to
prevent transient events generated by the load cir-
cuit from affecting operation of the AAT4601A. For
example, if an AAT4601A is used in a circuit that
operates from a 3V power supply with poor step
load response, it is possible that turning on the load
switch could cause the input power supply to droop
below the AAT4601A's under-voltage lockout
threshold. This drop in voltage would cause the
AAT4601A to turn off until the input power supply's
voltage recovers. Since this cycle would be self-
perpetuating, the entire circuit could be seen to be
unstable. In the very rare case where capacitor
cost is prohibitive, the output load circuit should be
slew rate limited when turned on.
Output Capacitor
In order to insure stability while the device current
limit is active, a small capacitance of approximately
1µF should be used. When the AAT4601A is acti-
vated using the ON function, there are no momen-
tary current transients, as in the case when a short
circuit is suddenly applied to a device that is already
on; refer to the characteristic curve, "Switch Turn-On
Time." No matter how big the output capacitor, out-
put current is limited to the value allowed by the
threshold determined by RSET and the internal cur-
rent limiting circuitry. This permits very large output
capacitors to be used.
For example, USB ports are specified to have at least
120µF of downstream capacitance from their control-
ling power switch. An output capacitance as large as
1000µF would not disturb the input power supply to
the AAT4601A used to control the USB port.
ON Input
When the AAT4601A is in the off state, the output
is an open circuit and the device quiecent current
consumption is reduced to less than 1µA. The ON
threshold voltage is set to allow the AAT4601A to
be controlled by 5V TTL levels as well as CMOS
power from 2.5V to 5V. The ON function control
voltage level should not exceed the input supply
level applied to the IN pin.
FAULT Output
A FAULT flag is provided to alert a system if the load
switch is not receiving a sufficient voltage level to
properly operate. If either the current limit or over-
temperature circuits in any combination are contin-
uously active for more than approximately 2ms, the
FAULT pin is pulled to ground internally through a
100
Ω resistance. The 2ms delay on the FAULT
function is intended to prevent capacitive loads con-
nected to the load switch output from activating
FAULT when the device is turned on. The place-
ment of a pull-up resistor between the FAULT pin
and the IN pin is recommended. Reasonable val-
ues for the pull-up resistor should range from 10k
Ω
to 100k
Ω. Since FAULT is an open drain terminal,
=
IMAX
= 1.4A
115 - 85
130 · 120
AAT4601A
1.8A Current Limited P-Channel Switch
4601A.2006.05.1.5
11


Similar Part No. - AAT4601A

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4601A SKYWORKS-AAT4601A Datasheet
1Mb / 14P
   1.8A Current Limited P-Channel Switch
May 3, 2012
AAT4601AIAS-T1 SKYWORKS-AAT4601AIAS-T1 Datasheet
1Mb / 14P
   1.8A Current Limited P-Channel Switch
May 3, 2012
AAT4601AIKS-T1 SKYWORKS-AAT4601AIKS-T1 Datasheet
1Mb / 14P
   1.8A Current Limited P-Channel Switch
May 3, 2012
More results

Similar Description - AAT4601A

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4601 AAT-AAT4601 Datasheet
341Kb / 16P
   1.8A Current Limited P-Channel Switch
logo
Skyworks Solutions Inc.
AAT4601 SKYWORKS-AAT4601_12 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
logo
Advanced Analogic Techn...
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Shenzhen Huazhimei Semi...
HM9703 HMSEMI-HM9703 Datasheet
846Kb / 7P
   current limited P channel MOSFET power switch
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Maxim Integrated Produc...
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com