Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3237IGU-1.8-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3237IGU-1.8-T1
Description  300mA MicroPower??LDO with PowerOK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3237IGU-1.8-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3237IGU-1.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AAT3237
300mA MicroPower™ LDO with PowerOK
10
3237.2006.01.1.4
POK Output
The AAT3237 features an integrated Power-OK
comparator which can be used as an error flag. The
POK open-drain output goes low when OUT is 6%
below its nominal regulation voltage.
Connect a
pull-up resistor from POK to OUT.
Enable Function
The AAT3237 features an LDO regulator enable/
disable function. This pin (EN) is active high and is
compatible with CMOS logic. To assure the LDO
regulator will switch on, the EN turn-on control level
must be greater than 2.0V. The LDO regulator will
go into the disable shutdown mode when the volt-
age on the EN pin falls below 0.6V. If the enable
function is not needed in a specific application, it
may be tied to V
IN to keep the LDO regulator in a
continuously on state.
When the LDO regulator is in shutdown mode, an
internal 1.5k
Ω resistor is connected between V
OUT
and GND. This is intended to discharge C
OUT when
the LDO regulator is disabled. The internal 1.5k
has no adverse effect on device turn-on time.
Short-Circuit Protection
The AAT3237 contains an internal short-circuit pro-
tection circuit that will trigger when the output load
current exceeds the internal threshold limit. Under
short-circuit conditions, the output of the LDO reg-
ulator will be current limited until the short-circuit
condition is removed from the output or LDO regu-
lator package power dissipation exceeds the
device thermal limit.
Thermal Protection
The AAT3237 has an internal thermal protection cir-
cuit which will turn on when the device die tempera-
ture exceeds 145°C. The internal thermal protection
circuit will actively turn off the LDO regulator output
pass device to prevent the possibility of over-temper-
ature damage. The LDO regulator output will remain
in a shutdown state until the internal die temperature
falls back below the 145°C trip point.
The combination and interaction between the short-
circuit and thermal protection systems allows the
LDO regulator to withstand indefinite short-circuit
conditions without sustaining permanent damage.
No-Load Stability
The AAT3237 is designed to maintain output volt-
age regulation and stability under operational no-
load conditions. This is an important characteristic
for applications where the output current may drop
to zero.
Reverse Output-to-Input Voltage
Conditions and Protection
Under normal operating conditions, a parasitic
diode exists between the output and input of the
LDO regulator. The input voltage should always
remain greater than the output load voltage, main-
taining a reverse bias on the internal parasitic
diode.
Conditions where V
OUT might exceed VIN
should be avoided since this would forward bias
the internal parasitic diode and allow excessive
current flow into the V
OUT pin, possibly damaging
the LDO regulator.
In applications where there is a possibility of V
OUT
exceeding V
IN for brief amounts of time during nor-
mal operation, the use of a larger value C
IN capaci-
tor is highly recommended. A larger value of C
IN
with respect to C
OUT will effect a slower CIN decay
rate during shutdown, thus preventing V
OUT from
exceeding V
IN.
In applications where there is a
greater danger of V
OUT exceeding VIN for extended
periods of time, it is recommended to place a
Schottky diode across V
IN to VOUT (connecting the
cathode to V
IN and anode to VOUT).
The Schottky
diode forward voltage should be less than 0.45V.


Similar Part No. - AAT3237IGU-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.5-T1 ANALOGICTECH-AAT3232IGV-2.5-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.7-T1 ANALOGICTECH-AAT3232IGV-2.7-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.8-T1 ANALOGICTECH-AAT3232IGV-2.8-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-3.0-T1 ANALOGICTECH-AAT3232IGV-3.0-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results

Similar Description - AAT3237IGU-1.8-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307 Datasheet
295Kb / 8P
   300mA Micropower uCap Baseband LDO
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com