Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3132AITP-1-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3132AITP-1-T1
Description  High Efficiency 1.5X Fractional Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3132AITP-1-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3132AITP-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3132AITP-1-T1 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AAT3132/32A
High Efficiency 1.5X Fractional Charge
Pump for White LED Applications
3132.2005.12.1.4
11
Power Efficiency and Device
Evaluation
The charge pump efficiency discussion in the fol-
lowing sections only accounts for efficiency of the
charge pump section itself. Due to the unique circuit
architecture and design of the AAT3132/32A, it is
very difficult to measure efficiency in terms of a per-
cent value comparing input power over output
power.
Since the AAT3132/32A outputs are pure constant
current sources and typically drive individual loads, it
is difficult to measure the output voltage for a given
output (D1 to D4) to derive an overall output power
measurement. For any given application, white LED
forward voltage levels can differ, yet the output drive
current will be maintained as a constant.
This makes quantifying output power a difficult task
when taken in the context of comparing to other white
LED driver circuit topologies. A better way to quantify
total device efficiency is to observe the total input
power to the device for a given LED current drive
level. The best white LED driver for a given applica-
tion should be based on trade-offs of size, external
components count, reliability, operating range, and
total energy usage...not just % efficiency.
The AAT3132/32A efficiency may be quantified
under very specific conditions and is dependent
upon the input voltage versus the output voltage
seen across the loads applied to outputs D1
through D4 for a given constant current setting.
The efficiency (
η) can be simply defined as a linear
voltage regulator with an effective output voltage
that is equal to one and one half times the input
voltage.
Efficiency (
η) for an ideal 1.5X charge
pump can typically be expressed as the output
power divided by the input power.
In addition, with an ideal 1.5X charge pump, the
output current may be expressed as 2/3 of the
input current. The expression to define the ideal
efficiency (
η) can be rewritten as:
-or-
For a charge pump with an output of 5V and a nom-
inal input of 3.5V, the theoretical efficiency is 95%.
Due to internal switching losses and IC quiescent
current consumption, the actual efficiency can be
measured at 93%. These figures are in close agree-
ment for output load conditions from 1mA to 100mA.
Efficiency will decrease as load current drops below
0.05mA or when level of V
IN approaches VOUT.
Refer to the Typical Characteristics section of this
datasheet for measured plots of efficiency versus
input voltage and output load current for the given
charge pump output voltage options.
Capacitor Selection
Careful selection of the four external capacitors
C
IN, C1, C2, and COUT is important because they will
affect turn-on time, output ripple, and transient per-
formance. Optimum performance will be obtained
when low equivalent series resistance (ESR)
η(%) = 100
V
OUT
1.5V
IN
⎛⎞
⎝⎠
η =
P
OUT =
V
OUT
× I
OUT
=
V
OUT
P
IN
V
IN
× 1.5I
OUT
1.5V
IN
η =
P
OUT
P
IN
EN/SET Timing Diagram
EN/SET
Code
1
2
3
OFF
OFF
t
HI
t
LO
t
OFF


Similar Part No. - AAT3132AITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131ITP-T1 ANALOGICTECH-AAT3131ITP-T1 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3131ITP-T1 AAT-AAT3131ITP-T1 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3132AITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com