Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3125ISN-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3125ISN-T1
Description  USB OTG 5V Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3125ISN-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3125ISN-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3125ISN-T1 Datasheet HTML 12Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Ordering Information
Package Information
QFN44-16
All dimensions in millimeters.
Pin 1 Dot By Marking
4.000
± 0.050
2.280 REF
Pin 1 Identification
R0.030Max
1
4
5
8
9
13
16
0.203
± 0.025
0.330
± 0.050
Top View
Bottom View
Side View
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking
1
Part Number (Tape and Reel)
2
QFN44-16
ITXYY
AAT3125ISN-T1
AAT3125
USB OTG 5V Charge Pump
3125.2005.12.1.4
11
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.


Similar Part No. - AAT3125ISN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3120 ANALOGICTECH-AAT3120 Datasheet
257Kb / 14P
   3-Channel Charge Pump For White LED Applications
AAT3120ITP-T1 ANALOGICTECH-AAT3120ITP-T1 Datasheet
257Kb / 14P
   3-Channel Charge Pump For White LED Applications
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3125ISN-T1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
Maxim Integrated Produc...
MAX5008 MAXIM-MAX5008 Datasheet
225Kb / 7P
   Regulated 5V USB Charge Pump with Programmable Current Limit
Rev 0; 4/02
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Will Semiconductor Ltd.
WD3168E WILLSEMI-WD3168E Datasheet
714Kb / 10P
   5V/300mA Charge Pump Device
logo
Texas Instruments
TPS60151 TI-TPS60151 Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com