Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2820IXN-5.0-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT2820IXN-5.0-T1
Description  Triple-Output Charge Pump Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2820IXN-5.0-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT2820IXN-5.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2820IXN-5.0-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AAT2820
Triple-Output Charge Pump Regulator
2820.2006.04.1.4
9
Functional Block Diagram
Soft Start
2X Charge
Pump
Charge
Pump
VREF
VREF
1MHz
Oscillator
Reference
Oscillator
Over-
Temperature
Protection
Control
Logic
EN
IN
EN/PN
OUT
DVRP
DVRN
FBP
REF
FBN
GND
C+
C-
Functional Description
5V Regulated Output
The main power supply is a charge pump doubler
architecture used to support the high-current
demand required by the application. Charge pump
regulation is achieved by sensing the output volt-
age through an internal resistor divider network. A
switch doubling circuit is enabled when the divided
output drops below a preset trip point controlled by
an internal comparator. The free-running charge
pump switching frequency is approximately 1MHz.
The charge pump is designed to deliver 150mA of
continuous current (loads greater than the maxi-
mum load condition may cause permanent dam-
age to the device).
Dual Charge Pump Regulators
The dual charge pump provides low-power regu-
lated output voltages from two individual charge
pumps. Using a single stage, the first charge pump
inverts the supply voltage (VIN) and provides a reg-
ulated negative output voltage. The second charge
pump doubles VIN and provides a regulated posi-
tive output voltage. These outputs use external
Schottky diodes and capacitor multiplier stages (as
many as required) to regulate up to ±25V. A con-
stant switching frequency of 1MHz minimizes the
output ripple and capacitor size.
Negative Charge Pump Regulator
During the first half-cycle, the P-channel MOSFET
turns on and the flying capacitor C11 charges to
VIN minus a diode drop (Figure 1). During the sec-
ond half-cycle, the P-channel MOSFET turns off
and the N-channel MOSFET turns on, level shifting
C11. This connects C11 in parallel with the output
reservoir capacitor C23. If the voltage across C23
minus a diode drop is less than the voltage across
C11, current flows from C11 to C23 until the diode
turns off.


Similar Part No. - AAT2820IXN-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
AAT2801IXN-4.5-T1 ANALOGICTECH-AAT2801IXN-4.5-T1 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
AAT2801IXN-5.0-T1 ANALOGICTECH-AAT2801IXN-5.0-T1 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
AAT2803 ANALOGICTECH-AAT2803 Datasheet
581Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
Advanced Analog Technol...
AAT2803 AAT-AAT2803 Datasheet
689Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
More results

Similar Description - AAT2820IXN-5.0-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Semtech Corporation
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Semtech Corporation
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
   CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com