Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2803ISK-4.5-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT2803ISK-4.5-T1
Description  Six-Channel White LED Backlight Charge Pump with Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2803ISK-4.5-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT2803ISK-4.5-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2803ISK-4.5-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
10
2803.2006.04.1.5
Typical Characteristics–White LED Backlight Driver Section
Unless otherwise noted, VIN = 3.6V, CIN = COUT = C1 = C2 = C3 = 1.0μF; TA = 25°C.
V
IL vs. VIN
VIN (V)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
V
IH vs. VIN
VIN (V)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
Input Ripple vs. V
IN
VIN (V)
0
5
10
15
20
25
2.50
2.67
2.84
3.01
3.18
3.35
3.52
3.69
3.86
4.03
4.20
10.2mA
20mA
30mA
T
OFF vs. VIN
VIN (V)
0
50
100
150
200
250
300
350
400
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
T
LAT vs. VIN
VIN (V)
0
50
100
150
200
250
300
350
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C


Similar Part No. - AAT2803ISK-4.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT2803ISK-4.5-T1 AAT-AAT2803ISK-4.5-T1 Datasheet
689Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
Skyworks Solutions Inc.
AAT2803ISK-4.5-T1 SKYWORKS-AAT2803ISK-4.5-T1 Datasheet
836Kb / 15P
   Six-Channel White LED Backlight Charge Pump with Flash
June 14, 2012
More results

Similar Description - AAT2803ISK-4.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT2803 AAT-AAT2803 Datasheet
689Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
SiGe Semiconductor, Inc...
AATIAN47 SIGE-AATIAN47 Datasheet
94Kb / 4P
   Six-Channel White LED Backlight Charge Pump with Flash
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
   Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com