Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2505IWP-AQ-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2505IWP-AQ-T1
Description  Dual Channel, Step-Down Converter/Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2505IWP-AQ-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2505IWP-AQ-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2505IWP-AQ-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
LDO Load Transient Response 300mA
(EN = GND; ENLDO = VIN)
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
Time (10µs/div)
-100
0
100
200
300
400
500
600
700
800
VOUT
IOUT
LDO Load Transient Response
(EN = GND; ENLDO = VIN)
2.60
2.65
2.70
2.75
2.80
2.85
2.90
Time (100µs/div)
-100
0
100
200
300
400
500
VOUT
IOUT
LDO Line Transient Response
(EN = GND; ENLDO = VIN)
2.98
2.99
3.00
3.01
3.02
3.03
3.04
Time (100µs/div)
0
1
2
3
4
5
6
VIN
VOUT
LDO Turn-On Time From Enable (VIN present)
(EN = GND; ENLDO = VIN)
Time (5µs/div)
VIN = 4V
VOUT = 1V/div
VENLDO = 5V/div
LDO Turn-Off Response Time
(EN = GND; ENLDO = VIN)
Time (50µs/div)
VENLDO (5V/div)
VOUT (1V/div)
AAT2505
Dual Channel, Step-Down
Converter/Linear Regulator
2505.2006.06.1.1
7


Similar Part No. - AAT2505IWP-AQ-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2505IWP-AQ-T1 SKYWORKS-AAT2505IWP-AQ-T1 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
More results

Similar Description - AAT2505IWP-AQ-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
   Dual Channel 600mA Step-Down Converter
logo
Semtech Corporation
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
   Dual Channel 4A Synchronous Step-Down Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
logo
ON Semiconductor
NCV891130 ONSEMI-NCV891130 Datasheet
1Mb / 18P
   Dual-Mode Step-Down Regulator
January, 2015 ??Rev. 1
logo
Linear Technology
LT3988 LINER-LT3988 Datasheet
152Kb / 6P
   Dual 60V Step-Down Regulator
logo
ON Semiconductor
NCV891330 ONSEMI-NCV891330 Datasheet
1Mb / 18P
   Dual- Mode Step-Down Regulator
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com