Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1265 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT1265
Description  Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1265 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT1265 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Characteristics
Line Transient Response
(IO = 50mA; L = 2.2µH; CO = 4.7µF)
Time (50µs/div)
3.26
3.28
3.30
3.32
3.34
1.50
1.75
2.00
2.25
2.50
2.4V
1.9V
Output Voltage vs. Temperature
(VIN = 1.5V; IO = 10mA)
Temperature (
°°C)
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
-40
-20
0
20
40
60
80
Load Transient Response
(VIN = 1.2V; L = 2.2µH; CO = 4.7µF)
Time (50µs/div)
0.00
0.05
0.10
0.15
3.20
3.25
3.30
3.35
3.40
50mA
100mA
Maximum Load Current Capacity for a 4%
Drop in Output Voltage vs. Input Voltage
(VOUT = 3.3V)
Input Voltage (V)
0
100
200
300
400
500
600
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Switching Frequency vs. Temperature
Temperature (
°°C)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
-40
-15
10
35
60
85
No Load Input Current vs. Input Voltage
Input Voltage (V)
0
40
80
120
160
200
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
AAT1265
Low Voltage 2MHz Step-Up DC/DC
Converter in SC70JW Package
6
1265.2006.05.1.1


Similar Part No. - AAT1265

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265 ANALOGICTECH-AAT1265 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265IJS-3.0-T1 ANALOGICTECH-AAT1265IJS-3.0-T1 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265IJS-3.0-T1 ANALOGICTECH-AAT1265IJS-3.0-T1 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265IJS-3.3-T1 ANALOGICTECH-AAT1265IJS-3.3-T1 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results

Similar Description - AAT1265

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265_07 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Analog Devices
AAT1299 AD-AAT1299 Datasheet
519Kb / 14P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com