Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL11 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # PL11
Description  GENERAL PURPOSE RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 1 Page - Omron Electronics LLC

  PL11 Datasheet HTML 1Page - Omron Electronics LLC PL11 Datasheet HTML 2Page - Omron Electronics LLC PL11 Datasheet HTML 3Page - Omron Electronics LLC PL11 Datasheet HTML 4Page - Omron Electronics LLC PL11 Datasheet HTML 5Page - Omron Electronics LLC PL11 Datasheet HTML 6Page - Omron Electronics LLC PL11 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Exceptionally reliable general purpose
relay
Long life (minimum 100,000 electrical
operations) assured by silver contacts
Built-in operation indicator (mechanical,
LED), diode surge suppression, Varistor
surge suppression
The contact operation can be easily
checked by mechanical indicator and/or
push-to-test button options
Conforms to CENELEC standards
VDE approved versions available
General Purpose Relay
MK
Ordering Information
To Order: Select the part number and add the desired coil voltage rating (e.g., MK3P5-S-
).
Note:
1. Reverse polarity versions available on DC coil types. Consult your OMRON representative for further information.
2. VDE approved versions are available. Consult your OMRON representative for further information.
Part number
Mechanical
Mechanical indicator
Type
Terminal
Coil
Contact form
indicator
& push-to-test button
Standard
Plug-in
AC/DC
DPDT
MK2P-I
MK2P-S
3PDT
MK3P-5-I
MK3P-5-S
LED indicator
DPDT
MK2PN-I
MK2PN-S
3PDT
MK3PN-5-I
MK3PN-5-S
LED indicator and diode
DC
DPDT
MK2PND-I
MK2PND-S
3PDT
MK3PND-5-I
MK3PND-5-S
LED indicator and varistor
AC
DPDT
MK2PNV-I
MK2PNV-S
3PDT
MK3PNV-5-I
MK3PNV-5-S
Diode
DC
DPDT
MK2PD-I
MK2PD-S
3PDT
MK3PD-5-I
MK3PD-5-S
Varistor
AC
DPDT
MK2PV-I
MK2PV-S
3PDT
MK3PV-5-I
MK3PV-5-S
ACCESSORIES (Order separately)
To Order: Select the appropriate part numbers for sockets, clips, and mounting tracks (if required) from the available types chart.
Track mounted sockets
Part number
Relay type
Socket
Relay hold-down clip
Mounting track/end plate
SPDT
PF083A-E
PFC-A1
PFP-100N or PFP-50N and
DPDT
PFP-M (end plate)
3PDT
PF113A-E
PFC-A1
PFP-100N or PFP-50N and
PFP-M (end plate)


Similar Part No. - PL11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PL11 OMRON-PL11 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
PL11 OMRON-PL11 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PL11-Q OMRON-PL11-Q Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
logo
STMicroelectronics
PL110Z STMICROELECTRONICS-PL110Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
logo
Vishay Siliconix
PL1112 VISHAY-PL1112 Datasheet
104Kb / 4P
   Low Power Through-Hole Transformers, Single Primary, Input 115 V Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
Revision: 06-Dec-11
More results

Similar Description - PL11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com