Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1126IGV-0.6-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT1126IGV-0.6-T1
Description  600mA, 1MHz Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1126IGV-0.6-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT1126IGV-0.6-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1126IGV-0.6-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Typical Characteristics
N-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
300
350
400
450
500
550
600
650
700
750
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25
°C
120
°C
100
°C
85
°C
P-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
300
350
400
450
500
550
600
650
700
750
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25
°C
120
°C
100
°C
85
°C
Quiescent Current vs. Input Voltage
(VO = 1.8V)
Input Voltage (V)
85
°C
25
°C
-40
°C
15
20
25
30
35
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Switching Frequency vs. Temperature
(VIN = 3.6V; VO = 1.5V)
Temperature (
°°C)
-0.20
-0.10
0.00
0.10
0.20
-40
-20
0
20
40
60
80
100
Output Voltage Error vs. Temperature
(VIN = 3.6V; VO = 2.5V)
Temperature (
°°C)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
2.0
1.5
-40
-20
0
20
40
60
80
100
Frequency vs. Input Voltage
(VOUT = 1.8V)
Input Voltage (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AAT1126
600mA, 1MHz Step-Down Converter
6
1126.2006.05.1.1


Similar Part No. - AAT1126IGV-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1126IGV-0.6-T1 SKYWORKS-AAT1126IGV-0.6-T1 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
More results

Similar Description - AAT1126IGV-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
AAT2511_0605 ANALOGICTECH-AAT2511_0605 Datasheet
591Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com