Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1002 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # CP1002
Description  SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP1002 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  CP1002 Datasheet HTML 1Page - Pan Jit International Inc. CP1002 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
CP1000 THRU CP1008
200
160
120
80
40
0
1
2
6
10
20
40
60
100
T
A = 105 ¢J
NO. OF CYCLES AT 60Hz
10
8
6
4
2
0
0
50
100
150
METAL HEATSINK
P.C. BOARD
AMBIENT TEMPERATURE, ¢J
Fig. 1-NON-RECURRENT SURGE RATING
Fig. 2-DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
5
4
3
2
1
.9
.8
.7
.5
.3
.2
.1
.07
.05
.03
.02
.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TYPICAL
DISTRIBUTION
MEDIAN
INSTANTANEOUS FWD VOLTAGE, VOLTS
100
10
1
0
0
20
40
60
80
100
120
140
25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL FORWARD CHARACTERISTICS(25 ¢J)
Fig. 4-REVERSE CHARACTERISTICS


Similar Part No. - CP1002

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP1002 TRSYS-CP1002 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - CP1002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
Pan Jit International I...
CP600 PANJIT-CP600 Datasheet
32Kb / 2P
   VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
CP300 PANJIT-CP300 Datasheet
62Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Pan Jit International I...
KBU6A PANJIT-KBU6A Datasheet
124Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
KBU8A PANJIT-KBU8A Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
KBU4A PANJIT-KBU4A Datasheet
54Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
List of Unclassifed Man...
MTG-12232C ETC1-MTG-12232C Datasheet
72Kb / 1P
   MTG-12232C
logo
Microchip Technology
MTG-12864A MICROCHIP-MTG-12864A Datasheet
91Kb / 1P
   MTG-12864A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com