Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1123 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT1123
Description  1MHz Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1123 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT1123 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1123 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Pin Descriptions
Pin Configuration
SC70JW-8
(Top View)
OUT
VIN
LX
PGND
PGND
PGND
AGND
EN 1
2
3
45
6
7
8
Pin #
Symbol
Function
1
EN
Enable pin.
2
OUT
Feedback input pin. This pin is connected either directly to the converter
output or to an external resistive divider for an adjustable output.
3
VIN
Input supply voltage for the converter.
4
LX
Switching node. Connect the inductor to this pin. It is internally connected to
the drain of both high- and low-side MOSFETs.
5
AGND
Non-power signal ground pin.
6, 7, 8
PGND
Main power ground return pin. Connect to the output and input capacitor
return.
AAT1123
1MHz Step-Down Converter
2
1123.2006.05.1.5


Similar Part No. - AAT1123

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123IJS-0.6-T1 ANALOGICTECH-AAT1123IJS-0.6-T1 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123IJS-0.6-T1 SKYWORKS-AAT1123IJS-0.6-T1 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123IJS-1.2-T1 ANALOGICTECH-AAT1123IJS-1.2-T1 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
More results

Similar Description - AAT1123

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com