Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52-C5V1 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZT52-C5V1
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-C5V1 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZT52-C5V1 Datasheet HTML 1Page - Pan Jit International Inc. BZT52-C5V1 Datasheet HTML 2Page - Pan Jit International Inc. BZT52-C5V1 Datasheet HTML 3Page - Pan Jit International Inc. BZT52-C5V1 Datasheet HTML 4Page - Pan Jit International Inc. BZT52-C5V1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number: BZT52-C2V4 - BZT52-C39
PAGE 2
r
e
b
m
u
N
t
r
a
P
e
g
a
tl
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
A
m
5
=
z
I
@
e
c
n
a
d
e
p
m
I
e
c
n
a
t
s
i
s
e
R
c
i
m
a
n
y
D
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
r
e
n
e
Z
.
x
a
M
t
n
e
r
r
u
C
e
g
a
k
c
a
P
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
IZM
T
@ A
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
n
V
A
m
4
V
2
C
-
2
5
T
Z
B4
.
28
2
.
26
5
.
25
85
0
0
61
0
0
0
0
0
11
-
3
2
1
-
D
O
S
7
V
2
C
-
2
5
T
Z
B
7
.
2
5
.
2
9
.
2
3
8
5
0
0
5
1
0
0
0
5
7
1
4
3
1
3
2
1
-
D
O
S
3
C
-
2
5
T
Z
B3
8
.
22
.
35
95
0
0
51
0
0
0
0
51
8
1
13
2
1
-
D
O
S
3
V
3
C
-
2
5
T
Z
B
3
.
3
1
.
3
5
.
3
5
9
5
0
0
5
1
0
0
0
5
2
1
9
0
1
3
2
1
-
D
O
S
6
V
3
C
-
2
5
T
Z
B6
.
34
.
38
.
35
95
0
0
51
0
0
0
5
11
0
0
13
2
1
-
D
O
S
9
V
3
C
-
2
5
T
Z
B
9
.
3
7
.
3
1
.
4
5
9
5
0
0
5
1
0
0
0
0
1
1
2
9
3
2
1
-
D
O
S
3
V
4
C
-
2
5
T
Z
B3
.
446
.
45
95
0
0
51
0
0
0
51
4
83
2
1
-
D
O
S
7
V
4
C
-
2
5
T
Z
B
7
.
4
4
.
4
5
8
7
5
0
0
5
1
0
0
0
5
1
6
7
3
2
1
-
D
O
S
1
V
5
C
-
2
5
T
Z
B1
.
58
.
44
.
50
65
0
8
41
0
0
18
.
07
63
2
1
-
D
O
S
6
V
5
C
-
2
5
T
Z
B
6
.
5
2
.
5
6
0
4
5
0
0
4
1
0
0
1
1
9
5
3
2
1
-
D
O
S
2
V
6
C
-
2
5
T
Z
B2
.
68
.
56
.
60
15
0
0
21
0
0
12
4
53
2
1
-
D
O
S
8
V
6
C
-
2
5
T
Z
B
8
.
6
4
.
6
2
.
7
8
5
0
5
1
1
0
0
1
3
9
4
3
2
1
-
D
O
S
5
V
7
C
-
2
5
T
Z
B5
.
779
.
77
5
0
51
0
0
15
4
43
2
1
-
D
O
S
2
V
8
C
-
2
5
T
Z
B
2
.
8
7
.
7
7
.
8
7
5
0
5
1
0
0
1
6
0
4
3
2
1
-
D
O
S
1
V
9
C
-
2
5
T
Z
B1
.
95
.
86
.
90
15
0
51
0
0
17
6
33
2
1
-
D
O
S
0
1
C
-
2
5
T
Z
B
0
1
4
.
9
6
.
0
1
5
1
5
0
7
1
0
0
1
5
.
7
3
3
3
2
1
-
D
O
S
1
1
C
-
2
5
T
Z
B1
14
.
0
16
.
1
10
250
71
0
0
15
.
80
33
2
1
-
D
O
S
2
1
C
-
2
5
T
Z
B
2
1
4
.
1
1
7
.
2
1
0
2
5
0
9
1
0
0
1
9
8
2
3
2
1
-
D
O
S
3
1
C
-
2
5
T
Z
B3
14
.
2
11
.
4
15
25
0
1
11
0
0
10
15
23
2
1
-
D
O
S
5
1
C
-
2
5
T
Z
B
5
1
8
.
3
1
6
.
5
1
0
3
5
0
1
1
1
0
0
1
1
1
3
2
3
2
1
-
D
O
S
6
1
C
-
2
5
T
Z
B6
13
.
5
11
.
7
10
45
0
7
11
0
0
12
10
23
2
1
-
D
O
S
8
1
C
-
2
5
T
Z
B
8
1
8
.
6
1
1
.
9
1
0
5
5
0
7
1
1
0
0
1
4
1
8
1
3
2
1
-
D
O
S
0
2
C
-
2
5
T
Z
B0
28
.
8
12
.
1
20
55
0
2
21
0
0
15
17
13
2
1
-
D
O
S
2
2
C
-
2
5
T
Z
B
2
2
8
.
0
2
3
.
3
2
5
5
5
0
2
2
1
0
0
1
7
1
6
1
3
2
1
-
D
O
S
4
2
C
-
2
5
T
Z
B4
28
.
2
26
.
5
20
85
0
2
21
0
0
18
13
13
2
1
-
D
O
S
7
2
C
-
2
5
T
Z
B
7
2
1
.
5
2
9
.
8
2
0
8
5
0
5
2
1
0
0
1
0
2
2
1
3
2
1
-
D
O
S
0
3
C
-
2
5
T
Z
B0
38
22
30
85
0
5
21
0
0
15
.
2
20
13
2
1
-
D
O
S
3
3
C
-
2
5
T
Z
B
3
3
1
3
5
3
0
8
5
0
5
2
1
0
0
1
5
2
9
3
2
1
-
D
O
S
6
3
C
-
2
5
T
Z
B6
34
38
30
95
0
5
21
0
0
17
29
3
2
1
-
D
O
S
9
3
C
-
2
5
T
Z
B
9
3
7
3
1
4
0
9
5
0
0
3
1
0
0
1
9
2
8
3
2
1
-
D
O
S
NOTE:
1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body.
4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener
current (IZT or IZK) is superimposed on IZT or IZK.
5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine
wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
BZT52-C2 thru BZT52-C39
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted) VF=1.2V max, IF=100mA for all types.


Similar Part No. - BZT52-C5V1

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZT52-C5V1 GE-BZT52-C5V1 Datasheet
386Kb / 8P
   ZENER DIODES
logo
Pan Jit International I...
BZT52-C5V1 PANJIT-BZT52-C5V1 Datasheet
110Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C5V1 PANJIT-BZT52-C5V1 Datasheet
78Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Nexperia B.V. All right...
BZT52-C5V1 NEXPERIA-BZT52-C5V1 Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
logo
Pan Jit International I...
BZT52-C5V1-AU PANJIT-BZT52-C5V1-AU Datasheet
318Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-C5V1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com