Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB3EZ190 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1SMB3EZ190
Description  SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 3.0 Watts)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMB3EZ190 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1SMB3EZ190 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB3EZ190 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB3EZ190 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB3EZ190 Datasheet HTML 4Page - Pan Jit International Inc. 1SMB3EZ190 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1SMB3EZ11 THRU 1SMB3EZ200
SURFACE MOUNT SILICON ZENER DIODE
VOLTAGE - 11 TO 200 Volts
Power - 3.0 Watts
FEATURES
l
For surface mounted applications in order to
optimize board space
l
Low profile package
l
Built-in strain relief
l
Glass passivated junction
l
Low inductance
l
Excellent clamping capability
l
Typical ID less than 1 £gA above 11V
l
High temperature soldering :
260 ¢J /10 seconds at terminals
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
MECHANICAL DATA
Case: JEDEC DO-214AA, Molded plastic over
passivated junction
Terminals: Solder plated, solderable per
MIL-STD-750,
method 2026
Polarity: Color band denotes positive end (cathode)
except Bidirectional
Standard Packaging: 12mm tape(EIA-481)
Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation (Note A)
Derate above 75 ¢J
PD
3
24
Watts
mW/¢J
Peak forward Surge Current 8.3ms single half sine-wave superimposed on rated
load(JEDEC Method) (Note B)
IFSM
15
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
¢J
NOTES:
A. Mounted on 5.0mm
2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum.
DO-214AA
MODIFIED J-BEND


Similar Part No. - 1SMB3EZ190

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMB3EZ190 TRSYS-1SMB3EZ190 Datasheet
373Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMB3EZ190

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB2EZ11 PANJIT-1SMB2EZ11 Datasheet
126Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
1SMB5926 PANJIT-1SMB5926 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
1SMC5348 PANJIT-1SMC5348 Datasheet
122Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
3EZ11 PANJIT-3EZ11 Datasheet
461Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES(VOLTAGE- 11 to 200 Volts Power - 3.0 Watts)
1N5348B PANJIT-1N5348B Datasheet
306Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
1N5926B PANJIT-1N5926B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
2EZ11 PANJIT-2EZ11 Datasheet
122Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com