Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMNZ5226B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMNZ5226B
Description  Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMNZ5226B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMNZ5226B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMNZ5226B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMNZ5226B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 142 -
MMBZ5221B – MMBZ5259B
Surface Mount Zener Diode
Voltage Range
2.4 to 39 Volts
350m Watts Power Dissipation
Features
a
Planar die construction
a
350mW power dissipation on FR-4 PCB
a
general purpose, medium current
a
Ideally suited for automated assembly
processes
a
Standard zener voltage tolerance is ±5%
tolerance with a :B: suffix
Mechanical Data
a
Case: SOT-23, Molded plastic
a
Terminals: Solderable per MIIL-STD-202,
Method 208
a
Polarity: See diagram
a
Marking: Marking Code (see table on Page 2)
a Weight: 0.008 grams (approx.)
SOT-23
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
R JA
357
K/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to + 150
OC
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Tested with Pulses, Tp
1.0ms
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)


Similar Part No. - MMNZ5226B

ManufacturerPart #DatasheetDescription
logo
MacMic
MMN1000DB010B MACMIC-MMN1000DB010B Datasheet
898Kb / 5P
   100V 1000A N-ch Power MOSFET Module
MMN200H010X MACMIC-MMN200H010X Datasheet
353Kb / 5P
   100V 200A MOSFET Module
logo
List of Unclassifed Man...
MMN2616 ETC1-MMN2616 Datasheet
244Kb / 6P
   2048 x 8 BIT EPROM / PROM
MMN2716 ETC1-MMN2716 Datasheet
244Kb / 6P
   2048 x 8 BIT EPROM / PROM
logo
MacMic
MMN400A006U1 MACMIC-MMN400A006U1 Datasheet
756Kb / 5P
   60V 400A N-ch Power MOSFET Module
More results

Similar Description - MMNZ5226B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com