Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT404ALT1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MMBT404ALT1
Description  Chopper Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MMBT404ALT1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MMBT404ALT1 Datasheet HTML 1Page - List of Unclassifed Manufacturers MMBT404ALT1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O1–2/2
MMBT404ALT1
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
100
––
400
––
(I C = –12 mAdc, V CE = – 0.15 Vdc)
Collector–Emitter Saturation Voltage
VCE(sat)
Vdc
(I C = –12mAdc, I B = – 0.4 mAdc)
––
––
– 0.15
(I C = – 24mAdc, I B = – 1.0 mAdc)
––
––
– 0.20
Base–Emitter Saturation Voltage
V BE(sat)
Vdc
(I C = –12mAdc, I B = – 0.4 mAdc)
––
––
– 0.85
(I C = –24mAdc, I B = – 1.0 mAdc)
––
––
– 1.00
SMALL–SIGNAL CHARACTERISTICS
Output Capacitance
C obo
––
––
20
pF
(V CB= – 6.0 Vdc, I E = 0, f = 1.0 MHz)
SWITCHING CHARACTERISTICS
Delay Time(VCC = –10Vdc, IC = –10 mVdc) (Figure 1)
t d
—43
ns
Rise Time ( I B1 = –1.0 mAdc, I BE(off) = –14Vdc)
t r
180
ns
Storage Time (V CC = –10 Vdc, I C = –10 mAdc)
t s
675
ns
Fall Time (I B1 = I B2 = –1.0 mAdc)(Figure 1)
t f
160
ns
Figure 1. Switching Time Test Circuit
Voltages and resistor values shown are
for I
C = 10 mA, I C /I B = 10 and I B1 = I B2
V
in
V
BB
(Volts)
(Volts)
t
on , t d , t r
–12
+1.4
t
off , t s and t f
+20.6
–11.6
V
BB
R
BB
1.0 k
R
B
10 k
0.1
µF
V
in
51
TO SCOPE
1.0 k
V
CC = –10 V


Similar Part No. - MMBT404ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT404ALT1 MOTOROLA-MMBT404ALT1 Datasheet
95Kb / 4P
   Chopper Transistor
logo
Leshan Radio Company
MMBT404ALT1 LRC-MMBT404ALT1 Datasheet
43Kb / 2P
   Chopper Transistor(PNP Silicon)
More results

Similar Description - MMBT404ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS404A MOTOROLA-MPS404A Datasheet
240Kb / 6P
   Chopper Transistor
MMBT404ALT1 MOTOROLA-MMBT404ALT1 Datasheet
95Kb / 4P
   Chopper Transistor
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor
1997
logo
Central Semiconductor C...
MPS404A CENTRAL-MPS404A Datasheet
80Kb / 2P
   PNP SILICON CHOPPER TRANSISTOR
logo
Leshan Radio Company
MMBT404ALT1 LRC-MMBT404ALT1 Datasheet
43Kb / 2P
   Chopper Transistor(PNP Silicon)
logo
Central Semiconductor C...
CP566 CENTRAL-CP566 Datasheet
199Kb / 2P
   Small Signal Transistor PNP - Silicon Chopper Transistor Chip
CMPT404A CENTRAL-CMPT404A Datasheet
123Kb / 2P
   SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
CMPT404A CENTRAL-CMPT404A_10 Datasheet
327Kb / 2P
   SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com