Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9723ETE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9723ETE
Description  Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723ETE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9723ETE Datasheet HTML 5Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 6Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 7Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 8Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 9Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 10Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 11Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 12Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Detailed Description
The MAX9723 stereo headphone amplifier features
Maxim’s patented DirectDrive architecture, eliminating
the large output-coupling capacitors required by con-
ventional single-supply headphone amplifiers. The
MAX9723 consists of two 62mW Class AB headphone
amplifiers, hardware/software shutdown control, inverting
charge pump, integrated 32-level volume control,
BassMax circuitry, comprehensive click-and-pop sup-
pression circuitry, and an I2C-compatible interface (see
the Functional Diagram/Typical Operating Circuit). A
negative power supply (PVSS) is created internally by
inverting the positive supply (VDD). Powering the ampli-
fiers from VDD and PVSS increases the dynamic range of
the amplifiers to almost twice that of other single-supply
amplifiers, increasing the total available output power.
The MAX9723 DirectDrive outputs are biased at SGND
(see Figure 1). The benefit of this 0V bias is that the
amplifier outputs do not have a DC component, elimi-
nating the need for large DC-blocking capacitors.
Eliminating the DC-blocking capacitors on the output
saves board space, system cost, and improves low-fre-
quency response.
An I2C-compatible interface allows serial communica-
tion between the MAX9723 and a microcontroller. The
MAX9723 is available with two different I2C addresses
allowing two MAX9723 ICs to share the same bus (see
Table 1). The internal command register controls the
shutdown status of the MAX9723, enables the BassMax
circuitry, sets the maximum gain of the amplifier, and
sets the volume level (see Table 2). The MAX9723’s
BassMax circuitry improves audio reproduction by
boosting the bass response of the amplifier, compen-
sating for any low-frequency attenuation introduced by
Stereo DirectDrive Headphone Amplifier with
BassMax, Volume Control, and I2C
_______________________________________________________________________________________
9
Pin Description
PIN
BUMP
THIN QFN
UCSP
NAME
FUNCTION
1D1
VDD
Power-Supply Input. Bypass VDD to PGND with a 1µF capacitor.
2C1
C1P
Charge-Pump Flying Capacitor Positive Terminal
3B1
PGND
Power Ground. Connect to SGND.
4A1
C1N
Charge-Pump Flying Capacitor Negative Terminal
5B2
SCL
Serial Clock Input. Connect a 10k
Ω pullup resistor from SCL to VDD.
6A2
PVSS
Charge-Pump Output. Connect to SVSS. Bypass PVSS with a 1µF capacitor
to PGND.
7A3
SDA
Serial-Data Input. Connect a 10k
Ω pullup resistor from SDA to VDD.
8B3
SHDN
Shutdown. Drive SHDN low to disable the MAX9723. Connect SHDN to VDD while bit 7
is high for normal operation (see the Command Register section).
9A4
SGND
Signal Ground. Connect to PGND.
10
B4
INL
Left-Channel Input
11
C4
INR
Right-Channel Input
12
D4
SVSS
Headphone Amplifier Negative Power-Supply Input. Connect to PVSS.
13
C3
BBR
Right BassMax Input. Connect an external lowpass filter between OUTR and BBR to
apply bass boost to the right-channel output. Connect BBR to SGND if BassMax is not
used (see the BassMax (Bass Boost) section).
14
D3
OUTR
Right Headphone Output
15
D2
OUTL
Left Headphone Output
16
C2
BBL
Left BassMax Input. Connect an external lowpass filter between OUTL and BBL to
apply bass boost to the right-channel output. Connect BBL to SGND if BassMax is not
used (see the BassMax (Bass Boost) section).
EP
EP
Exposed Paddle. Connect EP to SVSS or leave unconnected.


Similar Part No. - MAX9723ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX97236EWA MAXIM-MAX97236EWA Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX9723DEVCMOD2 MAXIM-MAX9723DEVCMOD2 Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
More results

Similar Description - MAX9723ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
   DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
   Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com