Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8959818VZC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 5962-8959818VZC
Description  Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8959818VZC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 5962-8959818VZC Datasheet HTML 2Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 3Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 4Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 5Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 6Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 7Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 8Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 9Page - ATMEL Corporation 5962-8959818VZC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
M65608E
4151I–AERO–03/04
AC Parameters
AC Test Conditions
AC Test Loads Waveforms
Data Retention Mode
Atmel CMOS RAM’s are designed with battery backup in mind. Data retention voltage
and supply current are guaranteed over temperature. The following rules ensure data
retention:
1.
During data retention chip select CS1 must be held high within VCC to VCC -
0.2V or, chip select CS2 must be held down within GND to GND +0.2V.
2.
Output Enable (OE) should be held high to keep the RAM outputs high imped-
ance, minimizing power dissipation.
3.
During power up and power-down transitions CS1 and OE must be kept between
VCC + 0.3V and 70% of VCC, or with CS2 between GND and GND -0.3V.
4.
The RAM can begin operation > TR ns after VCC reaches the minimum opera-
tion voltages (4.5V).
Timing
Input Pulse Levels: ....................................GND to 3.0V
Input Rise/Fall Times: ...............................5 ns
Input Timing Reference Levels: ................1.5V
Output loading IOL/IOH (see Figure 1 and Figure 2)+30 pF
Figure 1
Figure 2
Figure 3


Similar Part No. - 5962-8959818VZC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-8959818VZC ATMEL-5962-8959818VZC Datasheet
798Kb / 16P
   Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
More results

Similar Description - 5962-8959818VZC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com