Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3573CGM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3573CGM
Description  HI-IF Single-Chip Broadband Tuners
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3573CGM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3573CGM Datasheet HTML 1Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 2Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 3Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 4Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 5Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 6Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 7Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 8Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HI-IF Single-Chip Broadband Tuners
_______________________________________________________________________________________
5
SYNTHESIZER ELECTRICAL CHARACTERISTICS
(MAX357_ EV kit, VCC = +4.75V to +5.25V, RBIAS = 5.9k
Ω ±1%, fCOMP1 = 1MHz, fCOMP2 = 62.5kHz, TA = 0°C to +70°C, unless oth-
erwise noted. Typical values are at VCC = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1st LOCAL OSCILLATOR (LO1)
Tuning Range
1274
2111
MHz
VCO Tuning Gain
40
120
MHz/V
1st LOCAL OSCILLATOR (LO1) DIVIDER
RF1 N-Divider Ratio
256
8191
RF1 R-Divider Ratio
131
1st LOCAL OSCILLATOR (LO1) PHASE DETECTOR AND CHARGE PUMP
Phase-Detector Phase Noise
fOFFSET = 2kHz (Note 3)
-142
dBc
Charge-Pump Source/Sink Matching
Correlate locked vs. unlocked
6
%
Charge-Pump Tri-State Current
RF1
-7
+7
nA
2nd LOCAL OSCILLATOR (LO2)
Tuning Range
1175
1193
MHz
VCO Tuning Gain
25
70
MHz/V
2nd LOCAL OSCILLATOR (LO2) DIVIDER
RF2 N-Divider Ratio
512
65,535
RF2 R-Divider Ratio
2
127
2nd LOCAL OSCILLATOR (LO2) PHASE DETECTOR AND CHARGE PUMP
Phase-Detector Phase Noise
fOFFSET = 2kHz (Note 3)
-142
dBc
Charge-Pump Source/Sink Matching
Correlate locked vs. unlocked
6
%
Charge-Pump Tri-State Current
RF2
-7
+7
nA
LOGIC INTERFACE
(MAX357_ EV kit, VCC = +4.75V to +5.25V, RBIAS = 5.9k
Ω ±1%, TA = 0°C to +70°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Clock Frequency
400
kHz
Note 1: These parameters are production tested from TA = +25°C to +70°C, and are guaranteed by design and characterization at
TA = 0°C.
Note 2: When using the tuning table provided in the EV kit documentation.
Note 3: These parameters are guaranteed by design and characterization, and are not production tested.


Similar Part No. - MAX3573CGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX350 MAXIM-MAX350 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
More results

Similar Description - MAX3573CGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Microtune,Inc
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
logo
Zarlink Semiconductor I...
SL2009 ZARLINK-SL2009 Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Future Technology Devic...
FT313HQ-T FTDI-FT313HQ-T Datasheet
1Mb / 67P
   Single chip USB2.0 Hi-Speed compatible
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com