Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3570 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3570
Description  HI-IF Single-Chip Broadband Tuners
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3570 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3570 Datasheet HTML 6Page - Maxim Integrated Products MAX3570 Datasheet HTML 7Page - Maxim Integrated Products MAX3570 Datasheet HTML 8Page - Maxim Integrated Products MAX3570 Datasheet HTML 9Page - Maxim Integrated Products MAX3570 Datasheet HTML 10Page - Maxim Integrated Products MAX3570 Datasheet HTML 11Page - Maxim Integrated Products MAX3570 Datasheet HTML 12Page - Maxim Integrated Products MAX3570 Datasheet HTML 13Page - Maxim Integrated Products MAX3570 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Detailed Description
Programmable Registers
The MAX3570/MAX3571/MAX3573 include nine pro-
grammable registers (registers 1–9) consisting of six
divider registers (registers 1–6), one VCO control register
(register 7), and one test register (register 8). The final
register (register 9) controls the HI-IF filter frequency off-
set, as well as the DIV/LD output MUX status. Most regis-
ters contain some don’t care (X) bits. These can be
either a “0” or a “1” and do not affect the mode of opera-
tion (Table 1). Data is shifted in MSB first. Positive logic
is used.
3-Wire Serial Interface
The MAX3570 uses a 3-wire SPI/QSPI/MICROWIRE-
compatible serial interface. An active-low chip select
(CS) enables the device to receive data from the serial
input (SDA). Register address and data information are
clocked in on the rising edge of the serial clock signal
(SCL). While shifting in the serial data, the device
remains in its original configuration. A rising edge on
CS latches the data into the MAX3570’s internal regis-
ter, initiating the device’s change of state. Figure 1
shows the details of the 3-wire interface address and
data configuration.
2-Wire Serial Interface
The MAX3571/MAX3573 use a 2-wire I2C*-compatible
serial interface. The serial bus is monitored continuous-
ly, waiting for a START condition followed by its
address. The address has 5 MSB internally set, while
the next two bits are set with external pins, ADDR2 and
ADDR1. The LSB determines whether it is a read or
write. When the device recognizes its address, it
acknowledges by pulling the SDA line low for one clock
period; it is then ready to accept the register address
for the first byte of data. Another acknowledge (ACK) is
sent once the register address is received. The device
is then ready to accept the data byte. More data bytes
can be sent for sequential registers, and ACK is sent
after each byte. After the final ACK is sent, the master
issues a STOP condition to free the bus. Figure 2 shows
the details of the 2-wire interface structure.
There is only one read-back register in the
MAX3571/MAX3573. To access it, send a START condi-
tion, and then the read address is set by the external
ADDR2 and ADDR1 pins. An ACK is sent, and the mas-
ter then begins to read from the slave. After the eight
bits have been read, the master should issue a no-
acknowledge (NACK), and then a STOP condition.
HI-IF Single-Chip Broadband Tuners
10
______________________________________________________________________________________
MSB
LSB
4 ADDRESS BITS
8 DATA BITS
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 1. 3-Wire Serial Interface Address and Data Configuration
DEVICE ADDRESS
REGISTER ADDRESS
DATA
DATA
START
8b11000<ADDR2><ADDR1>0
ACK
8b0000XXXX
ACK
D7–D0
ACK
D7–D0
ACK
STOP
Figure 2. 2-Wire Serial Interface Register Write Example
DEVICE ADDRESS
READ BYTE (8 Bits)
START
8b11000<ADDR2><ADDR1>1
ACK
8bXXXXXXXX
NACK
STOP
Figure 3. 2-Wire Serial Interface Register Read Example
ADDRESS (WRITE/READ)
ADDR2
ADDR1
C0/C1hex
Low
Low
C2/C3hex
Low
High
C4/C5hex
High
Low
C6/C7hex
High
High
Table 1. 2-Wire Serial Interface Address
Configuration (Set by ADDR2 and
ADDR1)
*Purchase of I2C components of Maxim Integrated Products,
Inc., or one of its sublicensed Associated Companies, conveys
a license under the Philips I2C Patent Rights to use these com-
ponents in an I2C system, provided that the system conforms
to the I2C Standard Specification as defined by Philips.


Similar Part No. - MAX3570

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX350 MAXIM-MAX350 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
More results

Similar Description - MAX3570

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Microtune,Inc
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
logo
Zarlink Semiconductor I...
SL2009 ZARLINK-SL2009 Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Future Technology Devic...
FT313HQ-T FTDI-FT313HQ-T Datasheet
1Mb / 67P
   Single chip USB2.0 Hi-Speed compatible
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com