Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1844EEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1844EEP
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844EEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1844EEP Datasheet HTML 1Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 2Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 3Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 4Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 5Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 6Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +28V
VCC, VDD to GND .....................................................-0.3V to +6V
OUT, PGOOD, SHDN to GND ..................................-0.3V to +6V
FB, ILIM, LATCH, OVP, REF, SKIP,
TON, UVP to GND ..................................-0.3V to (VCC + 0.3V)
BST to GND ............................................................-0.3V to +34V
CS to GND.................................................................-6V to +30V
DL to GND ..................................................-0.3V to (VDD + 0.3V)
DH to LX .....................................................-0.3V to (BST + 0.3V)
LX to BST..................................................................-6V to +0.3V
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin QSOP (derate 9.1mW/
°C above +70°C)...........727mW
20-Pin 5mm 5mm QFN (derate 20.0mW/°C
above +70°C).................................................................1.60W
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = 15V, VCC = VDD = 5V, SKIP = GND, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at
TA = +25
°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery voltage, V+
2
28
Input Voltage Range
VCC , VDD
4.5
5.5
V
FB = OUT
0.99
1.01
FB = GND
2.475
2.5
2.525
Error Comparator Threshold
(DC Output Voltage Accuracy)
(Note 1)
V+ = 4.5V to 28V,
SKIP = VCC
FB = VCC
1.782
1.8
1.818
V
Load Regulation Error
ILOAD = 0 to 3A, SKIP = VCC
9
mV
Line Regulation Error
VCC = 4.5V to 5.5V, V+ = 4.5V to 28V
5
mV
FB Input Bias Current
-0.1
+0.1
µA
Output Adjustment Range
1
5.5
V
FB = GND
90
190
350
OUT Input Resistance
FB = VCC or adjustable feedback mode
70
145
270
k
Soft-Start Ramp Time
Rising edge of SHDN to full current limit
1.7
ms
TON = GND (600kHz)
140
160
180
TON = REF (450kHz)
175
200
225
TON = unconnected (300kHz)
260
290
320
On-Time
V+ = 24V,
VOUT = 2V
(Note 2)
TON = VCC (200kHz)
380
425
470
ns
Minimum Off-Time
(Note 2)
400
500
ns
Quiescent Supply Current (VCC)
FB forced above the regulation point
550
800
µA
Quiescent Supply Current (VDD)
FB forced above the regulation point
<1
5
µA
Quiescent Supply Current (V+)
25
40
µA
Shutdown Supply Current (VCC)
SHDN = GND
<1
5
µA
Shutdown Supply Current (VDD)
SHDN = GND
<1
5
µA
Shutdown Supply Current (V+)
SHDN = GND, V+ = 28V, VCC = VDD = 0 or 5V
<1
5
µA
Reference Voltage
VCC = 4.5V to 5.5V, no external REF load
1.98
2.00
2.02
V
Reference Load Regulation
IREF = 0 to 50µA
0.01
V


Similar Part No. - MAX1844EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1840EUB MAXIM-MAX1840EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1841EUB MAXIM-MAX1841EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
More results

Similar Description - MAX1844EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1845 MAXIM-MAX1845 Datasheet
543Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
19-1955; Rev 2; 1/03
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Cirrus Logic
CL-GD6410 CIRRUS-CL-GD6410 Datasheet
5Mb / 133P
   HIGH INTERGRATION LCD VGA CONTROLLER FOR NOTEBOOK COMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com