Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK2-67025EV-30SB Datasheet(PDF) 10 Page - ATMEL Corporation

Part # SMK2-67025EV-30SB
Description  Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMK2-67025EV-30SB Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button SMK2-67025EV-30SB Datasheet HTML 6Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 7Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 8Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 9Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 10Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 11Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 12Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 13Page - ATMEL Corporation SMK2-67025EV-30SB Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
M67025E
4146J–AERO–06/03
Note:
1. This table denotes a sequence of events for only one of the 8 semaphores on the M67025E.
Figure 1. Semaphore Logic
Table 5. Example Semaphore Procurement Sequence
Function
D0 - D15 Left
D0 - D15 Right
Status
No Action
1
1
Semaphore free
Left Port Writes ’0’ to Semaphore
0
1
Left Port has semaphore token
Right Port Writes ’0’ to Semaphore
0
1
No change. Right side has no write
access to semaphore
Left Port Writes ’1’ to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes ’0’ to Semaphore
1
0
No change. Left port has no write
access to semaphore
Right Port Writes ’1’ to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes ’1’ to Semaphore
1
1
Semaphore free
Right Port Writes ’0’ to Semaphore
1
0
Right port has semaphore token
Right Port Writes ’1’ to Semaphore
1
1
Semaphore free
Left Port Writes ’0’ to Semaphore
0
1
Left Port has semaphore token
Left Port Writes ’1’ to Semaphore
1
1
Semaphore free


Similar Part No. - SMK2-67025EV-30SB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK2050CI KODENSHI-SMK2050CI Datasheet
431Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
SMK2050CI KODENSHI-SMK2050CI Datasheet
431Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
SMK2050CI-1 KODENSHI-SMK2050CI-1 Datasheet
431Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - SMK2-67025EV-30SB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com