Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA-306 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MA-306
Description  SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MA-306 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MA-306 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications (characteristics)
Recommended soldering pattern
External dimensions
(Unit: mm)
Do not connect #2 and #3 to external device.
Internal connection
(Unit: mm)
#4
#4
#3
#1
#2
#3
#1
0.5
5.5
(0.9)
(0.9)
1.9
#2
8.0 max.
20.000M
572
E
1.3
1.3
4.2
SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT
MA-306
• High-density mounting-type SMD.
• Excellent reliability and environment capability.
• Capable of covering a wide frequency range. ( from 17.734 MHz
to 41 MHz)
• 2.54mm thickness is equal to SMD-type IC.
Item
Nominal frequency
Temperature
range
Drive level
Soldering condition
Frequency tolerance (standard)
Frequency temperature characteristics
(standard)
Load capacitance
Series resistance
Shunt capacitance
Insulation resistance
Aging
Shock resistance
Symbol
f
TSTG
TOPR
GL
DL
TSOL
∆f/f
CL
R1
C0
IR
fa
S.R.
Specifications
17.734 MHz to 41.000 MHz
-55˚C to +100˚C
-20˚C to +70˚C
2mW max.
10µW to 100µW
Twice at under 260˚C within 10 sec.
or under 230˚C within 3 min.
±50ppm
±30ppm
10pF to
60
Ω max.
5pF max.
500 M
Ω min.
±5ppm/Y max.
±10ppm max.
Remarks
Fundamental mode
Stored as bare product after unpacking
Only crystal oscillation is guaranteed
Ta=25˚C±3˚C
-20˚C to +70˚C
Please specify
-20˚C to +70˚C, DL=100µW
Ta=25˚C±3˚C, first year
Three drops on a hard board from 75 cm or excitation
test with 3000G x 0.3ms x 1/2 sine wave x 3 directions
Storage temperature
Operating temperature
Maximum drive level
Recommended drive level
Actual size
There are some cases that a parts of the cylindrical capsule of quartz unit expose on the surface of the molding material.
http://www.spezial.cz---spezial@spezial.cz---Hotlines:Tel (02)24342200---Fax(02)24343200


Similar Part No. - MA-306

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
MA-306 EPSONTOYOCOM-MA-306 Datasheet
329Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MA-306 EPSONTOYOCOM-MA-306 Datasheet
237Kb / 1P
   LOW PROFILE SMD
logo
Epson Company
MA-306 EPSON-MA-306 Datasheet
383Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
Epson ToYoCom
MA-306 EPSONTOYOCOM-MA-306_10 Datasheet
237Kb / 1P
   LOW PROFILE SMD
More results

Similar Description - MA-306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC306 ETC-MC306 Datasheet
28Kb / 1P
   SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Epson Company
MA-406 EPSON-MA-406 Datasheet
30Kb / 1P
   SMD HIGH-FREQUENCY CRYSTAL UNIT
MA-505 EPSON-MA-505 Datasheet
30Kb / 1P
   SMD HIGH-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
FA365 ETC-FA365 Datasheet
25Kb / 1P
   THIN SMD HIGH-FREQUENCY CRYSTAL UNIT
logo
Epson ToYoCom
FH-33H EPSONTOYOCOM-FH-33H Datasheet
355Kb / 2P
   MHz RANGE CRYSTAL UNIT High Frequency SMD
logo
Epson Company
C-001R EPSON-C-001R Datasheet
133Kb / 2P
   SMALL CYLINDER LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
MC-405 EPSON-MC-405 Datasheet
54Kb / 1P
   SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
MC206 ETC-MC206 Datasheet
28Kb / 1P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Epson Company
MC-156 EPSON-MC-156 Datasheet
82Kb / 2P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
FC255 ETC-FC255 Datasheet
201Kb / 2P
   THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com