Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21L216128A-12J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M21L216128A-12J
Description  128 K x 16 SRAM HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M21L216128A-12J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M21L216128A-12J Datasheet HTML 1Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 2Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 3Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 4Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 5Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 6Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 7Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 8Page - List of Unclassifed Manufacturers M21L216128A-12J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
$%
M21L216128A
Elite Semiconduture Memory Technology Inc
Publication Date : Sep. 2000
Revision : 1.0
1/14
SRAM
128 K x 16 SRAM
HIGH SPEED CMOS SRAM
FEATURES
ORDERING INFORMATION
T Fast access times : 10, 12, and 15ns
T Fast OE access times : 5, 6, and 7ns
T Single +3.3V ± 0.3V power supply
T Fully static -- no clock or timing strobes necessary
T All inputs and outputs are TTL-compatible
T Three state outputs
T Center power and ground pins for greater noise immunity
T Easy memory expansive with CE and OE options
T Automatic CE power down
T
+LJKSHUIRUPDQFH ORZSRZHU FRQVXPSWLRQ &026
WULSOHSRO\ GRXEOHPHWDO SURFHVV
44-pin 400mil SOJ
44-pin 400mil TSOP (TypeII)
PRODUCT NO.
Acess Time
(ns)
PACKING
TYPE
M21L216128A-10J
SOJ
M21L216128A-10T
10
TSOP
M21L216128A-12J
SOJ
M21L216128A-12T
12
TSOP
M21L216128A-15J
SOJ
M21L216128A-15T
15
TSOP
GENERAL DESCRIPTION
The M21L216128A is
a high
speed,
low
power
asynchronous
SRAM
containing
2,097,152
bits
and
organized as 131,072 by 16 bits, it is produced by high
performance CMOS process.
This
device offers center power and ground pins for
improved performance and noise immunity. Static design
eliminates the need for external clocks or timing strobes. For
increased system flexibility and eliminating bus contention
problems, this device offers chip enable ( CE ), separate byte
enable controls ( LB and HE ) and output enable ( OE ) with this
organization.
PIN ASSIGNMENT
SOJ Top View
TSOP (TypeII) Top View
1
2
3
4
5
6
7
8
9
A4
A3
A2
A1
A0
CE
DQ1
DQ2
DQ3
44
43
42
41
40
39
38
37
36
A5
A6
A7
OE
HB
LB
DQ 1 6
DQ 1 5
DQ 1 4
10
11
12
13
14
15
16
17
18
19
20
21
22
DQ 4
VC C
GN D
DQ 5
DQ 6
DQ 7
DQ 8
WE
A1 6
A1 5
A1 4
A1 3
A1 2
35
34
33
32
31
30
29
28
27
26
25
24
23
DQ 1 3
GN D
VC C
DQ 1 2
DQ 1 1
DQ 1 0
DQ9
NC
A8
A9
A10
A11
NC
1
2
3
4
5
6
7
8
9
1 0
1 1
A4
A3
A2
A1
A0
CE
DQ 1
DQ 2
DQ 3
DQ 4
VC C
GN D
DQ 5
DQ 6
DQ 7
DQ 8
WE
A1 6
A1 5
A1 4
A1 3
A1 2
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
A5
A6
A7
OE
HB
LB
DQ 1 6
DQ 1 5
DQ 1 4
DQ 1 3
GN D
VC C
DQ 1 2
DQ 1 1
DQ 1 0
DQ 9
NC
A8
A9
A1 0
A1 1
NC
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3


Similar Part No. - M21L216128A-12J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M21L11664A ETC-M21L11664A Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10J ETC-M21L11664A-10J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10T ETC-M21L11664A-10T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8J ETC-M21L11664A-8J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8T ETC-M21L11664A-8T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
More results

Similar Description - M21L216128A-12J

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L102416A LYONTEK-LY61L102416A_17 Datasheet
852Kb / 17P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816 LYONTEK-LY61L12816 Datasheet
164Kb / 13P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L102416A LYONTEK-LY61L102416A_13 Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com