Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8208 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STS8208
Description  Dual N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8208 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STS8208 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
5
INVE R TE D
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
6
S T S 8208
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
on
PDM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datasheet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05


Similar Part No. - STS8208

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS8201 VBSEMI-STS8201 Datasheet
442Kb / 8P
   Dual N-Channel MOSFET
logo
SamHop Microelectronics...
STS8202 SAMHOP-STS8202 Datasheet
119Kb / 8P
   Super high dense cell design for low RDS(ON).
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS8205 VBSEMI-STS8205 Datasheet
443Kb / 8P
   Dual N-Channel MOSFET
More results

Similar Description - STS8208

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU402D SAMHOP-STU402D Datasheet
637Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM8206 SAMHOP-STM8206 Datasheet
646Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6912 SAMHOP-STM6912 Datasheet
554Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8210 SAMHOP-STG8210 Datasheet
652Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
SDM9926 SAMHOP-SDM9926 Datasheet
571Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com