Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5032MTCX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5032MTCX
Description  High Voltage Dual Interleaved Current Mode Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032MTCX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM5032MTCX Datasheet HTML 3Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 4Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 5Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 6Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 7Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 8Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 9Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 10Page - National Semiconductor (TI) LM5032MTCX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V externally applied, R
T =RDCL = 42.2k
Ω, UVLO = 1.5V, unless otherwise
stated (Note 3) and (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Thermal Shutdown
T
SD
Shutdown temperature
165
˚C
Hysteresis
20
˚C
Thermal Resistance
θ
JA
Junction to ambient, 0 LFPM
Air Flow
TSSOP-16 package
125
˚C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: For detailed information on soldering plastic TSSOP packages, refer to the Packaging Data Book available from National Semiconductor Corporation.
Note 3: All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TA = 25˚C. All hot and cold limits are
guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 4: Typical specifications represent the most likely parametric norm at 25˚C operation
Note 5: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Timing Diagram
20135005
FIGURE 2. Startup Sequence
www.national.com
7


Similar Part No. - LM5032MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5032MTCX/NOPB TI-LM5032MTCX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage Dual Interleaved Current Mode Controller
More results

Similar Description - LM5032MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5032 TI-LM5032_15 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage Dual Interleaved Current Mode Controller
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Texas Instruments
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com