Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KNB1533 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KNB1533
Description  With discharge resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KNB1533 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KNB1533 Datasheet HTML 1Page - List of Unclassifed Manufacturers KNB1533 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11
Capacitors:
Type
KNB 1530
With discharge resistor 275 V AC
class
X2
1532
300 V AC
1533
TECHNICAL DATA:
KNB1530
KNB1532, 1533
Casing: thermoplastic, sealed with
synthetical resin
Thermoplastic material is self-extinguishing according to UL94,
class V-0.
Terminals:
Type
Terminal length
Type of terminals
KNB1530
3
+0.5,3.5+0.5,4±0.5, 6-1, 8+1,11.5±0.5,18±2,25±5,30+5,50±5 mm,
other on request
Tinned copper wire
KNB1532
20 to 200 mm
Insulated stranded wire 0.5 mm
2
KNB1533
20 to 200 mm
Insulated solid wire
φ0.8 mm
End terminals on request
Marking KNB1530 wi th discharge resistor:
Capacitance
Tolerance Resistance
KNB1530
_ _
µF
± _ _ % X2 + _ _
MKP
275VAC
40/100/56/B
Date code
EN 132 400
Note: Capacitance tolerance
±20% is
not marked.
Construction:
-capacitor:
polypropylene film, metallized
-resistor:
metaloxide film
Rated voltage:
275 V A.C, 300 V A.C
Capacitance tolerance:
±20% for C
≤ 0.1 µF and
±10% for C > 0.1
µF
Climatic category:
40/100/56
according to IEC publ. 60068-1
Passive flammability:
according to EN 132 400
Temperature range:
-40
0C to +1000C
Test voltage:
2635 V D.C., 2 s
Max. pulse rise time du/dt, at
425 V D.C.:
400V/
µs for PCM=15mm
200V/
µs for PCM=22.5mm
160V/
µs for PCM=27.5mm
100V/
µs for PCM=37.5mm
Insulation resistance at 20
0C,
Um = 100V D.C., t = 1min:
Ri ≥ 15000 MΩ for C ≤ 0.33 µF
Ri x Cn ≥ 5000 s for C > 0.33 µF
Dielectric loss tan
δat f = 1 kHz
and 20
0C:
≤ 5 x 10
-4
Soldering:
IEC publ. 60068-2-20, max 2 s
Soldering time on printed circuit:
max. 5 s at 270
0C
Self inductance:
approx. 10 nH/cm of capacitor length
and terminals
Complies to:
IEC publ. 60384-14/2; EN 132 400


Similar Part No. - KNB1533

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
KNB1906B KIA-KNB1906B Datasheet
205Kb / 5P
   230A竊?0V N-CHANNEL MOSFET
More results

Similar Description - KNB1533

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
SPR SEI-SPR Datasheet
556Kb / 6P
   Discharge Path Resistor
10/22/2020
logo
Dialog Semiconductor
SLG59M1730C DIALOG-SLG59M1730C Datasheet
679Kb / 18P
   Integrated VOUT Discharge Resistor
SLG59M1736C DIALOG-SLG59M1736C Datasheet
601Kb / 16P
   Integrated VOUT Discharge Resistor
logo
Isahaya Electronics Cor...
RT5N141C ISAHAYA-RT5N141C Datasheet
60Kb / 3P
   Transistor With Resistor
RT6N140C ISAHAYA-RT6N140C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR
RT5P430C ISAHAYA-RT5P430C Datasheet
55Kb / 3P
   Transistor With Resistor
RT4N631C ISAHAYA-RT4N631C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR
RT5P14BC ISAHAYA-RT5P14BC Datasheet
50Kb / 3P
   Transistor With Resistor
RT5P141C ISAHAYA-RT5P141C Datasheet
60Kb / 3P
   Transistor With Resistor
RT5P230C ISAHAYA-RT5P230C Datasheet
126Kb / 3P
   Transistor With Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com