Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4X51163PC-LGCA Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4X51163PC-LGCA
Description  32M x16 Mobile-DDR SDRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4X51163PC-LGCA Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4X51163PC-LGCA Datasheet HTML 5Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 6Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 7Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 8Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 9Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 10Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 11Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 12Page - Samsung semiconductor K4X51163PC-LGCA Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
K4X51163PC - L(F)E/G
February 2006
Mobile-DDR SDRAM
Note :
1. In order to save power consumption, Mobile-DDR SDRAM includes PASR option.
2. Mobile-DDR SDRAM supports three kinds of PASR in self refresh mode; Full array, 1/2 Array, 1/4 Array.
- Full Array
- 1/2 Array
- 1/4 Array
Partial Self Refresh Area
Figure.4 EMRS code and TCSR , PASR
Partial Array Self Refresh (PASR)
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Internal Temperature Compensated Self Refresh (TCSR)
Note :
1. In order to save power consumption, Mobile DDR SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the three temperature ranges ; 45
°C and 85 °C.
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
3. It has +/- 5
°C tolerance.
Temperature Range
Self Refresh Current (IDD6)
Unit
- E
- G
Full Array
1/2 Array
1/4 Array
Full Array
1/2 Array
1/4 Array
45
°C*3
300
270
255
250
220
205
uA
85
°C
600
500
450
500
400
350


Similar Part No. - K4X51163PC-LGCA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X51163PE-L SAMSUNG-K4X51163PE-L Datasheet
534Kb / 20P
   32Mx16 Mobile DDR SDRAM
More results

Similar Description - K4X51163PC-LGCA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
logo
Emerging Memory & Logic...
EMD12164P EMLSI-EMD12164P Datasheet
2Mb / 45P
   512M: 32M x 16 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Hynix Semiconductor
HY5DU323222QP HYNIX-HY5DU323222QP Datasheet
696Kb / 29P
   32M(1Mx32) DDR SDRAM
HY5DU323222Q HYNIX-HY5DU323222Q Datasheet
710Kb / 29P
   32M(1Mx32) DDR SDRAM
logo
Elite Semiconductor Mem...
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
   1M x16 Bit x 4 Banks Mobile DDR SDRAM
logo
Micron Technology
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
   512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
logo
Elite Semiconductor Mem...
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
   16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com