Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA9259CDTF Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # KA9259CDTF
Description  5-Channel Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA9259CDTF Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KA9259CDTF Datasheet HTML 4Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 5Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 6Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 7Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 8Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 9Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 10Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 11Page - Fairchild Semiconductor KA9259CDTF Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
KA9259D
8
Application Information
1. MUTE
• When the mute pin #7 is open or the voltage of the mute pin #7 is below 0.5V, the mute circuit is activated so that the output
circuit will be muted.
• When the voltage of the mute pin is above 2V, the mute circuit is disabled and the output circuit operates normal.
• If the chip temperature rises above 175
°C, then the TSD (Thermal shutdown) circuit is activated and the output circuit is
muted.
2. TSD (THERMAL SHUTDOWN)
•The VREF BG is the output voltage of the band-gap-referenced biasing circuit and acts as the input voltage of the TSD
circuit.
• The base-emitter voltage of the TR, Q11 is designed to turn-on at below voltage.
VBE = VREF BG × R12 / (R11+R12) = 400mV
• When the chip temperature rises up to 175
°C, then the turn-on voltage of the Q11 would drop down to 400mV.
Hence, the Q11 would turn on so the output circuit will be muted.
3. REGULATOR
Pin #7
Mute circuit
High
Turn-off
Low
Turn-on
7
Output driver
bias
VREF BG
R11
R12
Q11
Output driver
bias
5
6
+
I
VREF BG
D1
R1
D2
KSB772
VOUT
(5V)
CE
100
µF
+
R2
R3


Similar Part No. - KA9259CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
KA9259ED FAIRCHILD-KA9259ED Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
KA9259EDTF FAIRCHILD-KA9259EDTF Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
More results

Similar Description - KA9259CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
FAN8025G3 FAIRCHILD-FAN8025G3 Datasheet
189Kb / 13P
   5-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com