Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4X51163PC-LGC3 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4X51163PC-LGC3
Description  32M x16 Mobile-DDR SDRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4X51163PC-LGC3 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4X51163PC-LGC3 Datasheet HTML 6Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 7Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 8Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 9Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 10Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 11Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 12Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 13Page - Samsung semiconductor K4X51163PC-LGC3 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
K4X51163PC - L(F)E/G
February 2006
Mobile-DDR SDRAM
DC Operating Conditions
Absolute maximum ratings
Note :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommend operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 2.7
V
Voltage on VDD supply relative to VSS
VDD
-0.5 ~ 2.7
V
Voltage on VDDQ supply relative to VSS
VDDQ
-0.5 ~ 2.7
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
mA
Recommended operating conditions(Voltage referenced to VSS=0V, Tc = -25
°C to 85°C)
Note :
1. Under all conditions, VDDQ must be less than or equal to VDD.
2. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in simulation.
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal VDD of 1.8V)
VDD
1.7
1.95
V
1
I/O Supply voltage
VDDQ
1.7
1.95
V
1
Input logic high voltage
VIH(DC)
0.7 x VDDQ
VDDQ+0.3
V
2
Input logic low voltage
VIL(DC)
-0.3
0.3 x VDDQ
V
2
Output logic high voltage
VOH(DC)
0.9 x VDDQ
-
V
IOH = -0.1mA
Output logic low voltage
VOL(DC)
-
0.1 x VDDQ
V
IOL = 0.1mA
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA


Similar Part No. - K4X51163PC-LGC3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X51163PE-L SAMSUNG-K4X51163PE-L Datasheet
534Kb / 20P
   32Mx16 Mobile DDR SDRAM
More results

Similar Description - K4X51163PC-LGC3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
logo
Emerging Memory & Logic...
EMD12164P EMLSI-EMD12164P Datasheet
2Mb / 45P
   512M: 32M x 16 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Hynix Semiconductor
HY5DU323222QP HYNIX-HY5DU323222QP Datasheet
696Kb / 29P
   32M(1Mx32) DDR SDRAM
HY5DU323222Q HYNIX-HY5DU323222Q Datasheet
710Kb / 29P
   32M(1Mx32) DDR SDRAM
logo
Elite Semiconductor Mem...
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
   1M x16 Bit x 4 Banks Mobile DDR SDRAM
logo
Micron Technology
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
   512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
logo
Elite Semiconductor Mem...
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
   16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com