Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4008V1C-L Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6R4008V1C-L
Description  512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008V1C-L Datasheet(HTML) 2 Page - Samsung semiconductor

  K6R4008V1C-L Datasheet HTML 1Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 2Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 3Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 4Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 5Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 6Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 7Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 8Page - Samsung semiconductor K6R4008V1C-L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6R4008V1C-C/C-L, K6R4008V1C-I/C-P
CMOS SRAM
PRELIMINARY
Rev 5.0
- 2 -
September 2001
512K x 8 Bit High-Speed CMOS Static RAM
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10,12,15ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 60mA(Max.)
(CMOS) : 10mA(Max.)
1.2mA(Max.) L-Ver. only
Operating
K6R4008V1C-10 : 155mA(Max.)
K6R4008V1C-12 : 145mA(Max.)
K6R4008V1C-15 : 135mA(Max.)
• Single 3.3
±0.3V Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• 2V Minimum Data Retention : L-Ver. only
• Center Power/Ground Pin Configuration
• Standard Pin Configuration
K6R4008V1C-J : 36-SOJ-400
K6R4008V1C-T : 44-TSOP2-400BF
The K6R4008V1C is a 4,194,304-bit high-speed Static Random
Access Memory organized as 524,288 words by 8 bits. The
K6R4008V1C uses 8 common input and output lines and has an
output enable pin which operates faster than address access
time at read cycle. The device is fabricated using SAMSUNG
′s
advanced CMOS process and designed for high-speed circuit
technology. It is particularly well suited for use in high-density
high-speed system applications. The K6R4008V1C is packaged
in a 400 mil 36-pin plastic SOJ and 44-pin plastic TSOP type II.
Clk Gen.
I/O1~I/O8
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
1024 Rows
512 x 8 Columns
I/O Circuit
A10 A11 A12 A13 A14 A15 A16 A17 A18
K6R4008V1C-C10/C12/C15
Commercial Temp.
K6R4008V1C-I10/I12/I15
Industrial Temp.
ORDERING INFORMATION
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9


Similar Part No. - K6R4008V1C-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
K6R4008V1B-C10 SAMSUNG-K6R4008V1B-C10 Datasheet
214Kb / 10P
   CMOS SRAM
K6R4008V1B-C12 SAMSUNG-K6R4008V1B-C12 Datasheet
214Kb / 10P
   CMOS SRAM
K6R4008V1B-C15 SAMSUNG-K6R4008V1B-C15 Datasheet
214Kb / 10P
   CMOS SRAM
K6R4008V1B-I10 SAMSUNG-K6R4008V1B-I10 Datasheet
214Kb / 10P
   CMOS SRAM
More results

Similar Description - K6R4008V1C-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008C1C-C SAMSUNG-K6R4008C1C-C Datasheet
134Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating). Operated at Extended and Industrial Temperature Ranges.
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com