Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JC216C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JC216C
Description  AC Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC216C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JC216C Datasheet HTML 1Page - List of Unclassifed Manufacturers JC216C Datasheet HTML 2Page - List of Unclassifed Manufacturers JC216C Datasheet HTML 3Page - List of Unclassifed Manufacturers JC216C Datasheet HTML 4Page - List of Unclassifed Manufacturers JC216C Datasheet HTML 5Page - List of Unclassifed Manufacturers JC216C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
143
http://www.jelsystem.co.jp
E-mail:contact@jelsystem.co.jp
※ Description in the catalogue is subject to change without notice. Please read the specifications thoroughly before using.
※ Please contact JEL SYSTEM for further information.
JC208SN/C, JC216SC
02468
12
14
10
16
20
18
16
14
12
10
8
6
4
2
0
On State Load Current IT〔Arms〕
On State Power Dissipation VS.
On State Load Current
(JC-16S type)
(Typical value)
Ta=25℃
02
5
20
50
10
100
200
180
160
140
120
100
80
60
40
20
0
Duration〔cycles〕
Peak Surge Current VS. Duration
(Non Repective)
JC-08S type f=50Hz
JC-16S type f=60Hz
Tj=25℃ Start
JC-16S type
JC-08S type
−25
0
25
50
75
100
10
8
6
4
2
0
Ambient Temperature Ta〔℃〕
Minimum Trigger Current VS.
Ambient Temperature
(JC-08S type)
(Typical value)
VD=12V(JC208SN)
VD= 6V(JC208SC)
RL=30Ω
JC208SN
JC208SC
−25
0
25
50
75
100
10
8
6
4
2
0
Ambient Temperature〔℃〕
Minimum Trigger Current VS.
Ambient Temperature
Typical value
(JC-16S type)
VD= 6V(JC-16SC type)
RL=30Ω
JC-16SC type


Similar Part No. - JC216C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC201 ETC-JC201 Datasheet
80Kb / 6P
   AC Solid State Relay
JC201DC ETC-JC201DC Datasheet
80Kb / 6P
   AC Solid State Relay
JC201DN ETC-JC201DN Datasheet
80Kb / 6P
   AC Solid State Relay
JC202PC1 ETC1-JC202PC1 Datasheet
66Kb / 4P
   AC Solid State Relay
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
More results

Similar Description - JC216C

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
   AC Solid-State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
   AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
   AC SOLID STATE RELAY
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
   AC Solid State Relay
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
   AC Solid State Relay
logo
celduc-relais
SPA07420 CELDUC-SPA07420 Datasheet
78Kb / 2P
   AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com