Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFE55N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFE55N50
Description  HiPerFETTM Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFE55N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFE55N50 Datasheet HTML 1Page - IXYS Corporation IXFE55N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0 V, ID = 3mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5
V
I
GSS
V
GS = ±20V, VGS = 0V
±100 nA
I
DSS
V
DS = VDSS
T
J =
25
°C
400
µA
V
GS = 0 V
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = IT
55N50
80 m
Note 2
50N50
100 m
HiPerFETTM
Power MOSFET
Single Die MOSFET
Symbol Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
500
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
55N50
47
A
50N50
53
A
I
DM
T
C = 25°C;
Note 1
55N50
200
A
50N50
220
A
I
AR
T
C = 25°C
55
A
E
AR
T
C = 25°C
60
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C = 25°C
500
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
19
g
V
DSS
I
D25
R
DS(on)
IXFE 55N50
500 V
52 A
80 m
IXFE 50N50
500 V
47 A
100 m
t
rr
≤≤≤≤ 250 ns
Preliminary data sheet
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
ISOPLUS 227TM (IXFE)
98904 (2/02)
Features
Low cost direct-copper bonded
aluminium package
Encapsulating epoxy meets
UL 94 V-0, flammability classification
2500V isolation
Low drain to case capacitance
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance
Fast intrinsic Rectifier
Conforms to SOT-227B outline
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
Temperature and lighting controls
Advantages
Easy to mount
Space savings
High power density
S
G
S
D


Similar Part No. - IXFE55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFE180N10 IXYS-IXFE180N10 Datasheet
78Kb / 2P
   HiPerFET-TM Power MOSFET
IXFE180N20 IXYS-IXFE180N20 Datasheet
525Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFE23N100 IXYS-IXFE23N100 Datasheet
428Kb / 2P
   Single MOSFET Die
IXFE24N100 IXYS-IXFE24N100 Datasheet
428Kb / 2P
   Single MOSFET Die
IXFE34N100 IXYS-IXFE34N100 Datasheet
434Kb / 2P
   HiPerFET-TM Power MOSFET
More results

Similar Description - IXFE55N50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSMG50-05 POWERSEM-PSMG50-05 Datasheet
149Kb / 4P
   HiPerFETTM Power MOSFET
logo
IXYS Corporation
IXFR80N60P3 IXYS-IXFR80N60P3 Datasheet
148Kb / 5P
   Polar3TM HiPerFETTM Power MOSFET
IXFB62N80Q3 IXYS-IXFB62N80Q3 Datasheet
149Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFN62N80Q3 IXYS-IXFN62N80Q3 Datasheet
132Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFP12N65X2M IXYS-IXFP12N65X2M Datasheet
574Kb / 6P
   X2-Class HiperFETTM Power MOSFET
IXFN44N80 IXYS-IXFN44N80 Datasheet
120Kb / 2P
   HiPerFETTM Power MOSFETs Single MOSFET Die
IXFB82N60Q3 IXYS-IXFB82N60Q3 Datasheet
148Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFA80N25X3 IXYS-IXFA80N25X3 Datasheet
243Kb / 6P
   X3-Class HiPerFETTM Power MOSFET
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs
IXFN-25N90 IXYS-IXFN-25N90 Datasheet
144Kb / 4P
   HiPerFETTM Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com