Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21864SPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS21864SPBF
Description  HIGH AND LOW SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21864SPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS21864SPBF Datasheet HTML 3Page - International Rectifier IRS21864SPBF Datasheet HTML 4Page - International Rectifier IRS21864SPBF Datasheet HTML 5Page - International Rectifier IRS21864SPBF Datasheet HTML 6Page - International Rectifier IRS21864SPBF Datasheet HTML 7Page - International Rectifier IRS21864SPBF Datasheet HTML 8Page - International Rectifier IRS21864SPBF Datasheet HTML 9Page - International Rectifier IRS21864SPBF Datasheet HTML 10Page - International Rectifier IRS21864SPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
IRS2186/IRS21864(S)PbF
www.irf.com
7
PRELIMINARY
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 4A. Turn-On Propagation Delay
vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 5A. Turn-Off Propagation Delay
vs. Temperature
0
100
200
300
400
500
10
12
14
16
18
20
Supply Voltage (V)
Figure 4B. Turn-On Propagation Delay
vs. Supply Voltage
0
100
200
300
400
500
10
12
14
16
18
20
Supply Voltage (V)
Figure 5B. Turn-Off Propagation Delay
vs. Supply Voltage
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Typ.


Similar Part No. - IRS21864SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21864SPBF INFINEON-IRS21864SPBF Datasheet
1Mb / 27P
   High and Low Side Driver
April 30, 2015
More results

Similar Description - IRS21864SPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com