Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125245D Datasheet(PDF) 1 Page - Sensitron

Part # SHD125245D
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125245D Datasheet(HTML) 1 Page - Sensitron

  SHD125245D Datasheet HTML 1Page - Sensitron SHD125245D Datasheet HTML 2Page - Sensitron SHD125245D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
tSENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 973, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
200
°C Maximum Operation Temperature
DESCRIPTION: A 150 VOLT, 15 AMP, SINGLE / DOUBLER; 30 AMP COMMON CATHODE / COMMON
ANODE, POWER SCHOTTKY RECTIFIER IN A TO-254 PACKAGE.
ADD THE LETTER “C” AFTER THE PREFIX SHD TO ORDER THE DEVICE WITH CERAMIC SEALS.
MAXIMUM RATINGS
ALL RATINGS ARE AT TC = 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE (PER LEG)
PIV
150
Volts
MAXIMUM DC OUTPUT CURRENT (PER LEG)
(TC = 100 °C)
SINGLE / DOUBLER
IO
15
Amps
MAXIMUM DC OUTPUT CURRENT (PER LEG)
(TC = 100 °C)
COMMON CATHODE / COMMON ANODE
IO
30
Amps
MAXIMUM NONREPETITIVE FORWORD SURGE CURRENT (t = 8.3ms,
Sine) (PER LEG)
IFSM
150
Amps
JUNCTION CAPACITANCE VR = 5Vdc, f = 1MHz
VSIG = 50mV (p-p) (Max)
CT
500
pF
MAXIMUM THERMAL RESISTANCE (PER LEG)
RθJC
1.44
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top
-65 to
+200
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Tstg
-65 to
+175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP (per leg, IF = 15A)
TJ = 25 °C
TJ = 125 °C
Vf
0.95
0.79
Volts
Volts
MAXIMUM REVERSE CURRENT Ir @ PIV (per leg, Ir @ 150V PIV))
TJ = 25 °C
TJ = 125 °C
Ir
0.7
8.0
mA
mA
SHD125245
SHD125245P
SHD125245N
SHD125245D


Similar Part No. - SHD125245D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125244 SENSITRON-SHD125244 Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125244B SENSITRON-SHD125244B Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD125244D SENSITRON-SHD125244D Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125244DB SENSITRON-SHD125244DB Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD125244N SENSITRON-SHD125244N Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD125245D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125134 SENSITRON-SHD125134 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125144 SENSITRON-SHD125144 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD176244 SENSITRON-SHD176244 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546 SENSITRON-SHD114546_08 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125644 SENSITRON-SHD125644_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116046 SENSITRON-SHD116046 Datasheet
158Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116044 SENSITRON-SHD116044 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116144 SENSITRON-SHD116144 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125646 SENSITRON-SHD125646_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125134 SENSITRON-SHD125134_08 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com