Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD124634P Datasheet(PDF) 2 Page - Sensitron

Part # SHD124634P
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124634P Datasheet(HTML) 2 Page - Sensitron

  SHD124634P Datasheet HTML 1Page - Sensitron SHD124634P Datasheet HTML 2Page - Sensitron SHD124634P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4701, REV. -
Mechanical Dimensions: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3
1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DUAL RECTIFIER, DOUBLER (D)
ANODE
CATHODE/ANODE
CATHODE
Note: The Vf curves shown are for the unpackaged die only.
SHD124634
SHD124634P
SHD124634N
SHD124634D
1
2
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
TO-258
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
500
1000
1500
2000
2500
Typical Junction Capacitance


Similar Part No. - SHD124634P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124634P SENSITRON-SHD124634P Datasheet
53Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
More results

Similar Description - SHD124634P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124434 SENSITRON-SHD124434_08 Datasheet
53Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124244 SENSITRON-SHD124244 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124544 SENSITRON-SHD124544 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124545P SENSITRON-SHD124545P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124546 SENSITRON-SHD124546 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124146 SENSITRON-SHD124146 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124246 SENSITRON-SHD124246 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124645P SENSITRON-SHD124645P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124646 SENSITRON-SHD124646 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124634 SENSITRON-SHD124634_08 Datasheet
53Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124234 SENSITRON-SHD124234 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com